Electronic Components Datasheet Search
  English  ▼

X  

31002A Datasheet(PDF) 1 Page - Unisonic Technologies

Part # 31002A
Description  LINEAR INTEGRATED CIRCUIT
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

31002A Datasheet(HTML) 1 Page - Unisonic Technologies

  31002A Datasheet HTML 1Page - Unisonic Technologies 31002A Datasheet HTML 2Page - Unisonic Technologies 31002A Datasheet HTML 3Page - Unisonic Technologies 31002A Datasheet HTML 4Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
UTC31002A
LINEAR INTEGRATED CIRCUIT
UTC UNISONIC TECHNOLOGIES CO., LTD. 1
QW-R108-005,A
TELEPHONE TONE RINGER
DESCRIPTION
The UTC 31002A is a bipolar integrated circuit
designed for telephone bell replacement. It can also
be used as alarms or other alerting devices.
FEATURES
*Designed for telephone bell replacement.
*Low current drain for multiple extension of lines.
*Adjustable 2-frequency tone.
*Adjustable warbling rate.
*Built-in hysteresis prevents false triggering and
rotary dial 'CHIRPS'.
*Programmable for initiation current by simple
external resistor
DIP-8
SOP-8
PIN CONFIGURATIONS
1
2
3
4
8
7
6
5
Vcc
RSL
Low Freq.
Time Constant
Low Freq.
Time Costant
Output
High Freq.
Time Constant
High Freq.
Time Constant
GND
ABSOLUTE MAXIMUM RATINGS(Ta=25°C )
PARAMETER
SYMBOL
VALUE
UNIT
Supply Voltage
Vcc
30
V
Power Dissipation
Pd
400
mW
Operating Temperature
Topr
-45 to 85
°C
Storage Temperature
Tstg
-65 to 150
°C


Similar Part No. - 31002A

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
31002A UTC-31002A Datasheet
173Kb / 6P
TELEPHONE TONE RINGER
31002A-D08-T UTC-31002A-D08-T Datasheet
173Kb / 6P
TELEPHONE TONE RINGER
31002A-S08-R UTC-31002A-S08-R Datasheet
173Kb / 6P
TELEPHONE TONE RINGER
31002A-S08-T UTC-31002A-S08-T Datasheet
173Kb / 6P
TELEPHONE TONE RINGER
31002AG-D08-T UTC-31002AG-D08-T Datasheet
193Kb / 5P
TELEPHONE TONE RINGER
More results

Similar Description - 31002A

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UZ1086 UTC-UZ1086 Datasheet
129Kb / 5P
LINEAR INTEGRATED CIRCUIT
M4565 UTC-M4565 Datasheet
127Kb / 4P
LINEAR INTEGRATED CIRCUIT
TA31142 UTC-TA31142 Datasheet
53Kb / 6P
LINEAR INTEGRATED CIRCUIT
UTC78D UTC-UTC78D Datasheet
104Kb / 7P
LINEAR INTEGRATED CIRCUIT
TL432C UTC-TL432C_07 Datasheet
103Kb / 3P
LINEAR INTEGRATED CIRCUIT
logo
Wing Shing Computer Com...
AN6650 WINGS-AN6650 Datasheet
56Kb / 3P
Linear Integrated Circuit
logo
Leshan Radio Company
LR431ATLTIG LRC-LR431ATLTIG Datasheet
116Kb / 5P
LINEAR INTEGRATED CIRCUIT
LR431BPTLT1G LRC-LR431BPTLT1G Datasheet
116Kb / 5P
LINEAR INTEGRATED CIRCUIT
LTL431APTLT1G LRC-LTL431APTLT1G Datasheet
116Kb / 5P
LINEAR INTEGRATED CIRCUIT
LTL431BPTLT1G LRC-LTL431BPTLT1G Datasheet
116Kb / 5P
LINEAR INTEGRATED CIRCUIT
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com