Electronic Components Datasheet Search
  English  ▼

X  

8049048 Datasheet(PDF) 2 Page - Festo Corporation.

Part # 8049048
Description  Vacuum generator
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FESTO [Festo Corporation.]
Direct Link  https://www.festo.com/us/en/
Logo FESTO - Festo Corporation.

8049048 Datasheet(HTML) 2 Page - Festo Corporation.

  8049048 Datasheet HTML 1Page - Festo Corporation. 8049048 Datasheet HTML 2Page - Festo Corporation.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Feature
Value
Ambient temperature
0 °C ... 50 °C
Product weight
89 g
DC sensor operating voltage range
10 V ... 30 V
Pressure measuring range
-1 bar ... 0 bar
Electrical connection input, function
Ejector pulse
Vacuum generator
Electrical connection input, connection type
2x plugs
Electrical input connection, connection technology
Connection diagram H
Electrical connection, input, number of pins/wires
2
Electrical connection for input, connection pattern
00995626
Electrical input connection, mounting type
Snap-locking
Electrical connection output, function
Sensor
Electrical connection output, connection type
Cable
Electrical connection output, connection technology
Open end
Electrical output connection, number of pins/wires
3
Cable characteristic
Suitable for energy chains
Cable diameter
2.9 mm
Cable diameter tolerance
± 0.1 mm
Cable length
2.5 m
Nominal conductor cross section
0.14 mm²
Type of mounting
With through-hole
Pneumatic connection 1
For pneumatic tubing outside diameter 6 mm
Pneumatic connection 3
Pneumatic muffler open
Vacuum connection
For pneumatic tubing outside diameter 6 mm
Color cable sheath
Gray
Material of connecting thread
POM
Note on materials
RoHS-compliant
Seals material
NBR
Female nozzle material
POM
Compressed air filter material
POM
Housing material
PA-reinforced
Material of cable sheath
PVC
Material of adjusting screw
Steel
Muffler material
PE
Material of screws
Steel
Material of jet nozzle
Wrought aluminum alloy
6/7/22 - Subject to change - Festo SE & Co. KG
2/2



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com