Electronic Components Datasheet Search
  English  ▼

X  

8049049 Datasheet(PDF) 1 Page - Festo Corporation.

Part # 8049049
Description  Vacuum generator
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FESTO [Festo Corporation.]
Direct Link  https://www.festo.com/us/en/
Logo FESTO - Festo Corporation.

8049049 Datasheet(HTML) 1 Page - Festo Corporation.

  8049049 Datasheet HTML 1Page - Festo Corporation. 8049049 Datasheet HTML 2Page - Festo Corporation.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Vacuum generator
OVEL-5-H-10-PQ-VQ4-UA-C-A-V1V-H3
Part number: 8049049
Data sheet
Feature
Value
Nominal width of Laval nozzle
0.45 mm
Width dimension
10 mm
Muffler construction type
Open
Mounting position
Any
Ejector characteristics
High vacuum
Standard
Grade of filtration
40 µm
Manual override
Non-detenting
Integrated function
Electric ejector pulse
Flow control
Pressure transmitter
Shut off valve, electric
Compressed air filter
Pneumatic muffler open
Structural design
T-shape
Symbol
00995804
Valve function
Closed
Method of measurement
Piezoresistive pressure sensor
Operating pressure for max. suction rate
3 bar
Operating pressure
2 bar ... 7 bar
Operating pressure for max. vacuum
4.2 bar
Max. vacuum
89 %
Nominal operating pressure
4 bar
Max. suction rate with respect to atmosphere
4 l/min
Air supply time at nominal operating pressure with ejector pulse
2 s
Analog output
0 - 10 V
DC operating voltage range
21.6 V ... 26.4 V
Duty cycle
100%
Coil characteristics
24 V DC: 1.0 W
KC characters
KC EMC
CE marking (see declaration of conformity)
As per EU EMC directive
Operating medium
Compressed air as per ISO 8573-1:2010 [7:4:4]
Information on operating and pilot media
Operation with oil lubrication not possible
Corrosion resistance class (CRC)
2 - Moderate corrosion stress
Temperature of medium
0 °C ... 50 °C
Noise level at nominal operating pressure
64 dB(A)
Degree of protection
IP40
6/7/22 - Subject to change - Festo SE & Co. KG
1/2


Similar Part No. - 8049049

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
8049046 FESTO-8049046 Datasheet
103Kb / 2P
Vacuum generator
6/7/22
8049047 FESTO-8049047 Datasheet
105Kb / 2P
Vacuum generator
6/7/22
8049048 FESTO-8049048 Datasheet
106Kb / 2P
Vacuum generator
6/7/22
More results

Similar Description - 8049049

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
VN-10-H-T3-PI4-VI4-RI4 FESTO-VN-10-H-T3-PI4-VI4-RI4 Datasheet
81Kb / 1P
Vacuum generator
VN-10-L-T4-PQ2-VA5-RQ3 FESTO-VN-10-L-T4-PQ2-VA5-RQ3 Datasheet
85Kb / 1P
Vacuum generator
VN-10-L-T4-PQ2-VQ2-O2-P FESTO-VN-10-L-T4-PQ2-VQ2-O2-P Datasheet
94Kb / 2P
Vacuum generator
VN-10-L-T4-PQ2-VQ3-RQ3 FESTO-VN-10-L-T4-PQ2-VQ3-RQ3 Datasheet
88Kb / 1P
Vacuum generator
VN-14-H-T4-PI4-VI5-RI5 FESTO-VN-14-H-T4-PI4-VI5-RI5 Datasheet
80Kb / 1P
Vacuum generator
VN-14-H-T4-PQ2-VQ3-RQ3 FESTO-VN-14-H-T4-PQ2-VQ3-RQ3 Datasheet
89Kb / 1P
Vacuum generator
VN-14-L-T4-PQ2-VQ3-RQ3 FESTO-VN-14-L-T4-PQ2-VQ3-RQ3 Datasheet
86Kb / 1P
Vacuum generator
VN-14-L-T4-PQ3-VQ3-RO2-A FESTO-VN-14-L-T4-PQ3-VQ3-RO2-A Datasheet
94Kb / 2P
Vacuum generator
VADMI-140 FESTO-VADMI-140 Datasheet
95Kb / 2P
Vacuum generator
VADMI-140-N FESTO-VADMI-140-N Datasheet
97Kb / 2P
Vacuum generator
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com