Electronic Components Datasheet Search
  English  ▼

X  

BLF888ES Datasheet(PDF) 2 Page - Ampleon Netherlands B.V.

Part # BLF888ES
Description  UHF power LDMOS transistor
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPLEON [Ampleon Netherlands B.V.]
Direct Link  https://www.ampleon.com
Logo AMPLEON - Ampleon Netherlands B.V.

BLF888ES Datasheet(HTML) 2 Page - Ampleon Netherlands B.V.

  BLF888ES Datasheet HTML 1Page - Ampleon Netherlands B.V. BLF888ES Datasheet HTML 2Page - Ampleon Netherlands B.V. BLF888ES Datasheet HTML 3Page - Ampleon Netherlands B.V. BLF888ES Datasheet HTML 4Page - Ampleon Netherlands B.V. BLF888ES Datasheet HTML 5Page - Ampleon Netherlands B.V. BLF888ES Datasheet HTML 6Page - Ampleon Netherlands B.V. BLF888ES Datasheet HTML 7Page - Ampleon Netherlands B.V. BLF888ES Datasheet HTML 8Page - Ampleon Netherlands B.V. BLF888ES Datasheet HTML 9Page - Ampleon Netherlands B.V. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
BLF888E_BLF888ES
All information provided in this document is subject to legal disclaimers.
© Ampleon Netherlands B.V. 2016. All rights reserved.
Product data sheet
Rev. 2 — 30 August 2016
2 of 13
BLF888E; BLF888ES
UHF power LDMOS transistor
2. Pinning information
[1]
Connected to flange.
3. Ordering information
4. Limiting values
[1]
Continuous use at maximum temperature will affect the reliability, for details refer to the online MTF
calculator.
Table 2.
Pinning
Pin
Description
Simplified outline
Graphic symbol
BLF888E (SOT539A)
1
drain1 (peak)
2
drain2 (main)
3
gate1 (peak)
4
gate2 (main)
5source
[1]
BLF888ES (SOT539B)
1
drain1 (peak)
2
drain2 (main)
3
gate1 (peak)
4
gate2 (main)
5source
[1]
5
12
4
3
4
3
5
1
2
sym117
5
12
4
3
4
3
5
1
2
sym117
Table 3.
Ordering information
Type number Package
Name Description
Version
BLF888E
-
flanged balanced ceramic package; 2 mounting holes; 4 leads SOT539A
BLF888ES
-
earless flanged balanced ceramic package; 4 leads
SOT539B
Table 4.
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134).
Symbol
Parameter
Conditions
Min
Max
Unit
VDS(amp)main
main amplifier drain-source voltage
-
104
V
VDS(amp)peak
peak amplifier drain-source voltage
-
120
V
VGS(amp)main
main amplifier gate-source voltage
0.5 +11
V
VGS(amp)peak
peak amplifier gate-source voltage
6+11
V
Tstg
storage temperature
65
+150
C
Tj
junction temperature
[1] -225
C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com