Electronic Components Datasheet Search
  English  ▼

X  

BLF974P Datasheet(PDF) 4 Page - Ampleon Netherlands B.V.

Part # BLF974P
Description  HF / VHF power LDMOS transistor
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPLEON [Ampleon Netherlands B.V.]
Direct Link  https://www.ampleon.com
Logo AMPLEON - Ampleon Netherlands B.V.

BLF974P Datasheet(HTML) 4 Page - Ampleon Netherlands B.V.

  BLF974P Datasheet HTML 1Page - Ampleon Netherlands B.V. BLF974P Datasheet HTML 2Page - Ampleon Netherlands B.V. BLF974P Datasheet HTML 3Page - Ampleon Netherlands B.V. BLF974P Datasheet HTML 4Page - Ampleon Netherlands B.V. BLF974P Datasheet HTML 5Page - Ampleon Netherlands B.V. BLF974P Datasheet HTML 6Page - Ampleon Netherlands B.V. BLF974P Datasheet HTML 7Page - Ampleon Netherlands B.V. BLF974P Datasheet HTML 8Page - Ampleon Netherlands B.V. BLF974P Datasheet HTML 9Page - Ampleon Netherlands B.V. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
BLF974P
All information provided in this document is subject to legal disclaimers.
© Ampleon Netherlands B.V. 2020. All rights reserved.
Product data sheet
Rev. 1 — 26 March 2020
4 of 18
BLF974P
HF / VHF power LDMOS transistor
7.
Test information
7.1 Ruggedness in class-AB operation
The BLF974P is capable of withstanding a load mismatch corresponding to
VSWR = 13 : 1 through all phases under the following conditions: VDS =50V;
IDq = 50 mA per section; PL = 500 W; f = 225 MHz; CW pulsed (tp = 100 s;  =10%).
VGS = 0 V; f = 1 MHz.
Fig 2.
Output capacitance as a function of drain-source voltage; typical values per
section
Table 8.
RF characteristics
Test signal: CW pulsed; tp =100 s; = 10 %; f = 225 MHz; RF performance at VDS =50V;
IDq = 50 mA per section; Tcase = 25 C; unless otherwise specified; in a class-AB production test
circuit.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Gp
power gain
PL = 500 W
24.5
25.7
-
dB
RLin
input return loss
PL = 500 W
-
19
15
dB
D
drain efficiency
PL = 500 W
74
76
-
%
amp01077
0
10
20
30
40
50
0
50
100
150
200
250
300
VDS (V)
Coss
oss
Coss
(pF)
(pF)
(pF)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com