Electronic Components Datasheet Search
  English  ▼

X  

BLF989S Datasheet(PDF) 1 Page - Ampleon Netherlands B.V.

Part # BLF989S
Description  UHF power LDMOS transistor
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPLEON [Ampleon Netherlands B.V.]
Direct Link  https://www.ampleon.com
Logo AMPLEON - Ampleon Netherlands B.V.

BLF989S Datasheet(HTML) 1 Page - Ampleon Netherlands B.V.

  BLF989S Datasheet HTML 1Page - Ampleon Netherlands B.V. BLF989S Datasheet HTML 2Page - Ampleon Netherlands B.V. BLF989S Datasheet HTML 3Page - Ampleon Netherlands B.V. BLF989S Datasheet HTML 4Page - Ampleon Netherlands B.V. BLF989S Datasheet HTML 5Page - Ampleon Netherlands B.V. BLF989S Datasheet HTML 6Page - Ampleon Netherlands B.V. BLF989S Datasheet HTML 7Page - Ampleon Netherlands B.V. BLF989S Datasheet HTML 8Page - Ampleon Netherlands B.V. BLF989S Datasheet HTML 9Page - Ampleon Netherlands B.V. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
1. Product profile
1.1 General description
A 900 W LDMOS RF power transistor for broadcast Doherty, class-AB transmitter and
industrial applications. The excellent ruggedness of this device makes it ideal for digital
and analog transmitter applications in the frequency range from 400 MHz to 860 MHz.
[1]
PAR (of output signal) at 0.01 % probability on CCDF; PAR of input signal = 9.5 dB at 0.01 % probability on
CCDF.
[2]
ProTelevision 3000 Exciter corrected DVB-T.
[3]
Narrowband classical Doherty application using two transistors.
[4]
Anywave CTTB exciter XS.
[5]
Narrowband Doherty using one transistor.
1.2 Features and benefits
Designed for broadband and Doherty operation
High efficiency
Integrated dual sided ESD protection
Excellent ruggedness
High power gain
Excellent reliability
Easy power control
Excellent stability
For RoHS compliance see the product details on the Ampleon website
1.3 Applications
Broadcast transmitter applications in the UHF band
Digital and analog broadcasting
Industrial, scientific and medical applications
Applicable at frequencies from 400 MHz to 860 MHz
BLF989; BLF989S
UHF power LDMOS transistor
Rev. 3 — 24 May 2019
Product data sheet
Table 1.
Application information
RF performance at VDS = 50 V in a class-AB broadband application demo, unless otherwise
specified.
Test signal
f
VDS PL(AV) Gp
D IMDshldr PAR
(MHz)
(V)
(W)
(dB) (%) (dBc)
(dB)
class-AB broadband/DVB-T (8k OFDM)
470 to 710 50
150
20
34
30
8.2 [1]
symmetric Doherty/DVB-T (8k OFDM) [2][3] 470 to 500 50
300
19
50
37
-
symmetric Doherty/DVB-T (8k OFDM) [4][5] 474 to 490 50
200
19
53
41
-


Similar Part No. - BLF989S

ManufacturerPart #DatasheetDescription
logo
Ampleon Netherlands B.V...
BLF989E AMPLEON-BLF989E Datasheet
1Mb / 12P
UHF power LDMOS transistor
Rev. 3 ??17 February 2022
BLF989ESU AMPLEON-BLF989ESU Datasheet
1Mb / 12P
UHF power LDMOS transistor
Rev. 3 ??17 February 2022
BLF989EU AMPLEON-BLF989EU Datasheet
1Mb / 12P
UHF power LDMOS transistor
Rev. 3 ??17 February 2022
More results

Similar Description - BLF989S

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BLF2047 PHILIPS-BLF2047 Datasheet
101Kb / 12P
UHF power LDMOS transistor
1999 Dec 02
BLF2047L PHILIPS-BLF2047L Datasheet
103Kb / 12P
UHF power LDMOS transistor
1999 Dec 06
logo
Analog Devices
BLC6G20-140 AD-BLC6G20-140 Datasheet
51Kb / 9P
UHF power LDMOS transistor
30-Jan-2006
logo
NXP Semiconductors
BLF6G20-45 PHILIPS-BLF6G20-45 Datasheet
46Kb / 8P
UHF power LDMOS transistor
Rev. 01-20 February 2006
BLF6G20-180P PHILIPS-BLF6G20-180P Datasheet
49Kb / 8P
UHF power LDMOS transistor
Rev. 01-19 April 2006
BLF4G10-120 PHILIPS-BLF4G10-120 Datasheet
115Kb / 14P
UHF power LDMOS transistor
Rev. 01-10 January 2006
BLF878 NXP-BLF878 Datasheet
147Kb / 18P
UHF power LDMOS transistor
Rev. 01-15 December 2008
BLF881_1012 PHILIPS-BLF881_1012 Datasheet
202Kb / 18P
UHF power LDMOS transistor
Rev. 3-7 December 2010
logo
New Jersey Semi-Conduct...
BLF861A NJSEMI-BLF861A Datasheet
100Kb / 2P
UHF power LDMOS transistor
logo
Quanzhou Jinmei Electro...
BLF872_2015 JMNIC-BLF872_2015 Datasheet
159Kb / 16P
UHF power LDMOS transistor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com