Electronic Components Datasheet Search
  English  ▼

X  

L5200 Datasheet(PDF) 6 Page - Unisonic Technologies

Part # L5200
Description  LOW NOISE, REGULATED CHARGE PUMP DC/DC CONVERTERS
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

L5200 Datasheet(HTML) 6 Page - Unisonic Technologies

  L5200 Datasheet HTML 1Page - Unisonic Technologies L5200 Datasheet HTML 2Page - Unisonic Technologies L5200 Datasheet HTML 3Page - Unisonic Technologies L5200 Datasheet HTML 4Page - Unisonic Technologies L5200 Datasheet HTML 5Page - Unisonic Technologies L5200 Datasheet HTML 6Page - Unisonic Technologies L5200 Datasheet HTML 7Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
L5200
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
6 of 7
www.unisonic.com.tw
QW-R502-029,D
TYPICAL CHARACTERISTICS (L5200-5.0V)
5.15
CIN = COUT = CFLY = 1μF
5.05
4.95
4.85
2.7
3.0
3.3
3.6
3.9
4.2
4.5
Supply Voltage (V)
IOUT = 20mA
4.90
5.00
5.10
Output Voltage vs Supply Voltage
Ta = 85℃
Ta = 25℃
Ta = -40℃
5.2
CIN = COUT = CFLY = 1μF
4.8
0
50
100
150
200
Load Current (mA)
4.9
5.0
5.1
Output Voltage vs Load Current
VIN = 2.7V
Ta = 25℃
VIN = 3V
VIN = 3.2V
6
CIN = COUT = CFLY = 1μF
5
4
3
2.7
3.0
3.3
3.6
3.9
4.2
4.5
Supply Voltage (V)
No Load Supply Current vs Supply Voltage
Ta = 85℃
Ta = 25℃
Ta = -40℃
3.0
2.4
1.6
1.0
2.7
3.0
3.3
3.6
3.9
4.2
4.5
Supply Voltage (V)
Oscillator Frequency vs Supply Voltage
Ta = 85℃
Ta = 25℃
Ta = -40℃
VSHDN = VIN
2.8
2.6
2.2
2.0
1.8
1.4
1.2
1.1
0.9
0.7
0.5
2.7
3.0
3.3
3.6
3.9
4.2
4.5
Supply Voltage (V)
Ta = 85℃
Ta = 25℃
Ta = -40℃
1.0
0.8
0.6
VSHDN Threshold Voltage vs Supply Voltage
100
30
110
100
Load Current (mA)
50
80
Efficiency vs Load Current
40
60
70
90
CIN = COUT = CFLY = 1μF
VIN = 2.7V
Ta = 25℃
VIN = 3.2V
VIN = 3.7V
VIN = 4.5V



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com