Electronic Components Datasheet Search
  English  ▼

X  

KMA320 Datasheet(PDF) 21 Page - NXP Semiconductors

Part # KMA320
Description  Dual channel programmable angle sensor IC
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

KMA320 Datasheet(HTML) 21 Page - NXP Semiconductors

Back Button KMA320 Datasheet HTML 17Page - NXP Semiconductors KMA320 Datasheet HTML 18Page - NXP Semiconductors KMA320 Datasheet HTML 19Page - NXP Semiconductors KMA320 Datasheet HTML 20Page - NXP Semiconductors KMA320 Datasheet HTML 21Page - NXP Semiconductors KMA320 Datasheet HTML 22Page - NXP Semiconductors KMA320 Datasheet HTML 23Page - NXP Semiconductors KMA320 Datasheet HTML 24Page - NXP Semiconductors KMA320 Datasheet HTML 25Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 71 page
background image
NXP Semiconductors
KMA320/A
Dual channel programmable angle sensor IC
10.2 Power-loss detection (SM-18) and GND-loss detection (SM-19)
The power-loss detection circuit enables the detection of an interrupted supply or ground
line of the mixed signal IC. If there is a power-loss condition, two internal switches in the
sensor are closed, connecting the pin of the analog output to the supply voltage and the
ground pin.
008aaa277
ZO(pl)
ZO(pl)
OUTn/DATAn
GND
VDD
OUTPUT
Figure 12. Equivalent output circuit in a power-loss condition
Table 32 describes the power-loss behavior and gives the resulting output voltage
depending on the interrupted supply or ground line and the load resistance.
Load resistance
Interrupted supply line
Interrupted ground line
RL(ext) > 5 kΩ
VO ≤ 4 %VDD
VO ≥ 96 %VDD
Table 32. Power-loss behavior
10.3 Supply overvoltage detection (SM-16) and undervoltage detection
(SM-17)
If the supply voltage is below the switch-off threshold voltage, a status bit is set and
the output goes into diagnostic mode. If the supply voltage is above the overvoltage
switch-on threshold voltage, the output switches to diagnostic mode. Table 33 describes
the system behavior depending on the voltage range of the supply voltage.
Supply voltage State
Analog mode
SENT mode
0 V to
≅ 1.8 V
startup power
The output buffer drives an active LOW
or is powered down, but the switches of
the power-loss detection circuit are not
fully opened and set the output to a level
between ground and half the supply voltage.
high-ohmic output stage; external pull-up
resistor defines output voltage
≅ 1.8 V to VPOR power-on reset The power-loss charge pump is fully
operational and turns the switches of the
detection circuit off. The output buffer
drives an active LOW and sets the output
to the lower diagnostic level. During the
reset phase, all circuits are in reset and/or
power-down mode.
The output buffer drives an active LOW.
During the reset phase, all circuits are in
reset and/or power-down mode.
VPOR to Vth(on)
or Vth(off)
initialization
The digital core and the oscillator are active.
After reset, the content of the non-volatile
memory is copied into the shadow registers.
The output buffer drives an active LOW.
The digital core and the oscillator are
active. After reset, the content of the
non-volatile memory is copied into the
shadow registers. The output buffer
drives an active LOW.
Table 33. System behavior for each output mode
KMA320_A
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2022. All rights reserved.
Product data sheet
Rev. 6 — 18 May 2022
21 / 71



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com