Electronic Components Datasheet Search
  English  ▼

X  

P60D080 Datasheet(PDF) 6 Page - NXP Semiconductors

Part # P60D080
Description  Secure high-performance dual interface smart card controller
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

P60D080 Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button P60D080 Datasheet HTML 2Page - NXP Semiconductors P60D080 Datasheet HTML 3Page - NXP Semiconductors P60D080 Datasheet HTML 4Page - NXP Semiconductors P60D080 Datasheet HTML 5Page - NXP Semiconductors P60D080 Datasheet HTML 6Page - NXP Semiconductors P60D080 Datasheet HTML 7Page - NXP Semiconductors P60D080 Datasheet HTML 8Page - NXP Semiconductors P60D080 Datasheet HTML 9Page - NXP Semiconductors P60D080 Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
SMX2_FAM_P60D080_D144_SDS
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Objective short data sheet
PUBLIC
Rev. 1 — 1 September 2010
197210
6 of 12
NXP Semiconductors
P60D080 and P60D144
Secure high-performance dual interface smart card controller
6.
Ordering information
Table 2.
Feature table (EEPROM and RAM sizes without applied implementation of MIFARE Plus and/or
DESFire EV1)
Product
type
EEPROM
[KB]
user
ROM
[KB]
total
RAM
[KB]
CXRAM
[KB]
FXRAM
[KB]
Coprocessor
MMU
Copy
machines
ISO/
IEC 7816
IO pads
interface
option
Fame2 DES AES
P60D080
80
384
8.125
5.5
2.625
yes
yes
yes
yes
2
3
ISO/IEC 7816 +
ISO/IEC 14443
P60D144
144
384
8.125
5.5
2.625
yes
yes
yes
yes
2
3
ISO/IEC 7816 +
ISO/IEC 14443
Table 3.
Ordering information
Type number
Package
Name
Description
Version
P60D080PU15
FFC
12 inch wafer (sawn; 150
μm thickness; on film frame carrier;
electronic fail die marking according to SECSII format)
NAU000
P60D144PU15
P60D080PU75
FFC
12 inch wafer (sawn; 75
μm thickness; on film frame carrier;
electronic fail die marking according to SECSII format)
NAU000
P60D144PU75
P60D080PA4
MOB4
contactless chip card module (super 35 mm tape format, module
thickness 320
μm)
SOT500-2
P60D144PA4
P60D080PA6
MOB6
contactless chip card module (super 35 mm tape format, module
thickness 250
μm)
SOT500-3
P60D144PA6
P60D080PX1
PDM1.1
dual interface chip card module (Plug-in type; super 35 mm tape
format, 8-contact)
SOT658-3
P60D144PX1
P60D080PX0
PDM1.1
dual interface chip card module (super 35 mm tape format,
8-contact)
SOT658-3
P60D144PX0
P60D080PX30
Pd-PDM1.1
palladium plated dual interface chip card module (super 35 mm tape
format, 8-contact)
SOT658-3
P60D144PX30



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com