Electronic Components Datasheet Search
  English  ▼

X  

V2F6 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # V2F6
Description  Surface-Mount TMBS® (Trench MOS Barrier Schottky) Rectifiers
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

V2F6 Datasheet(HTML) 1 Page - Vishay Siliconix

  V2F6 Datasheet HTML 1Page - Vishay Siliconix V2F6 Datasheet HTML 2Page - Vishay Siliconix V2F6 Datasheet HTML 3Page - Vishay Siliconix V2F6 Datasheet HTML 4Page - Vishay Siliconix V2F6 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
V2F6
www.vishay.com
Vishay General Semiconductor
Revision: 13-May-2020
1
Document Number: 87560
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Surface-Mount TMBS® (Trench MOS Barrier Schottky) Rectifiers
LINKS TO ADDITIONAL RESOURCES
FEATURES
• Trench MOS Schottky technology
• Low profile package
• Ideal for automated placement
• Low forward voltage drop, low power losses
• Meets
MSL
level
1,
per
J-STD-020,
LF maximum peak of 260 °C
• Wave and reflow solderable
• AEC-Q101 qualified available
- Automotive ordering code: base P/NHM3
• Compatible to SOD-123W package case outline
• Material categorization: for definitions of compliance
please see www.vishay.com/doc?99912
TYPICAL APPLICATIONS
For use in high frequency inverters, freewheeling, DC/DC
converters, and polarity protection in commercial, industrial,
and automotive applications.
MECHANICAL DATA
Case: SMF (DO-219AB)
Molding compound meets UL 94 V-0 flammability rating
Base P/N-M3 - halogen-free, RoHS-compliant
Base
P/NHM3
-
halogen-free,
RoHS-compliant,
and
AEC-Q101 qualified
Terminals: matte tin plated leads, solderable per
J-STD-002 and JESD 22-B102
M3 and HM3 suffix meet JESD 201 class 2 whisker test
Polarity: color band denotes the cathode end
Notes
(1) Free air, mounted on FR4 PCB, 2 oz. standard footprint
(2) The heat generated must be less than the thermal conductivity from junction-to-ambient: dPD/dTJ < 1/RθJA
PRIMARY CHARACTERISTICS
IF(AV)
2.0 A
VRRM
60 V
IFSM
50 A
VF at IF = 2 A (TA = 125 °C)
0.45 V
TJ max.
150 °C
Package
SMF (DO-219AB)
Circuit configuration
Single
SMF (DO-219AB)
eSMP® Series
Top view
Bottom view
Cathode
Anode
333
DDD3 D
3D Models
Available
MAXIMUM RATINGS (TA = 25 °C unless otherwise noted)
PARAMETER
SYMBOL
V2F6
UNIT
Device marking code
V26
Maximum repetitive peak reverse voltage
VRRM
60
V
Maximum average forward rectified current (fig.1)
IF(AV) (1)
2.0
A
Peak forward surge current 8.3 ms single half sine-wave
superimposed on rated load
IFSM
50
A
Operating junction temperature range
TJ (2)
-40 to +150
°C
Storage temperature range
TSTG
-55 to +150


Similar Part No. - V2F6

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
V2F05A150Y1DDP AVX-V2F05A150Y1DDP Datasheet
247Kb / 8P
AVX Multilayer Ceramic Transient Voltage Suppressors TVS Protection and EMI Attenuation in a Single Chip
V2F05A150Y1DRP AVX-V2F05A150Y1DRP Datasheet
247Kb / 8P
AVX Multilayer Ceramic Transient Voltage Suppressors TVS Protection and EMI Attenuation in a Single Chip
V2F05A150Y1DTP AVX-V2F05A150Y1DTP Datasheet
247Kb / 8P
AVX Multilayer Ceramic Transient Voltage Suppressors TVS Protection and EMI Attenuation in a Single Chip
V2F05A150Y1EDP AVX-V2F05A150Y1EDP Datasheet
247Kb / 8P
AVX Multilayer Ceramic Transient Voltage Suppressors TVS Protection and EMI Attenuation in a Single Chip
V2F05A150Y1ERP AVX-V2F05A150Y1ERP Datasheet
247Kb / 8P
AVX Multilayer Ceramic Transient Voltage Suppressors TVS Protection and EMI Attenuation in a Single Chip
More results

Similar Description - V2F6

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
V1FM12 VISHAY-V1FM12 Datasheet
107Kb / 5P
Surface-Mount TMBS® (Trench MOS Barrier Schottky) Rectifiers
13-May-2020
V3FL45 VISHAY-V3FL45 Datasheet
105Kb / 5P
Surface-Mount TMBS® (Trench MOS Barrier Schottky) Rectifiers
13-May-2020
V3FM10 VISHAY-V3FM10_V01 Datasheet
108Kb / 5P
Surface-Mount TMBS® (Trench MOS Barrier Schottky) Rectifiers
13-May-2020
V3FM12 VISHAY-V3FM12_V01 Datasheet
106Kb / 5P
Surface-Mount TMBS® (Trench MOS Barrier Schottky) Rectifiers
13-May-2020
V3FM15 VISHAY-V3FM15_V01 Datasheet
128Kb / 5P
Surface-Mount TMBS® (Trench MOS Barrier Schottky) Rectifiers
19-Jan-2021
V1F6 VISHAY-V1F6_V01 Datasheet
107Kb / 5P
Surface-Mount TMBS® (Trench MOS Barrier Schottky) Rectifiers
13-May-2020
V2FL45 VISHAY-V2FL45 Datasheet
106Kb / 5P
Surface-Mount TMBS® (Trench MOS Barrier Schottky) Rectifiers
13-May-2020
V2FM10 VISHAY-V2FM10 Datasheet
107Kb / 5P
Surface-Mount TMBS® (Trench MOS Barrier Schottky) Rectifiers
13-May-2020
V2FM12 VISHAY-V2FM12 Datasheet
107Kb / 5P
Surface-Mount TMBS® (Trench MOS Barrier Schottky) Rectifiers
13-May-2020
V20PW22 VISHAY-V20PW22 Datasheet
133Kb / 5P
High Current Density Surface-Mount TMBS® (Trench MOS Barrier Schottky) Rectifier
09-Jan-2020
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com