Electronic Components Datasheet Search
  English  ▼

X  

UTCPC1316 Datasheet(PDF) 1 Page - Unisonic Technologies

Part # UTCPC1316
Description  LINEAR INTEGRATED CIRCUIT
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UTCPC1316 Datasheet(HTML) 1 Page - Unisonic Technologies

  UTCPC1316 Datasheet HTML 1Page - Unisonic Technologies UTCPC1316 Datasheet HTML 2Page - Unisonic Technologies UTCPC1316 Datasheet HTML 3Page - Unisonic Technologies UTCPC1316 Datasheet HTML 4Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
UTCPC1316
LINEAR INTEGRATED CIRCUIT
UTC UNISONIC TECHNOLOGIES CO., LTD. 1
QW-R107-010,A
DUAL CHANNEL AUDIO POWER
AMPLIFIER
DESCRIPTION
The UTC PC1316 is a monolithic integrated circuit,
designed for the audio amplifier part in tape recorders and
radio.
FEATURES
*Wide operating voltage( 3V~16V)
*Low quiescent current
*Low harmonic distortion
*Large output power( 2W, maximum)
*Fine ripple rejection characteristic
DIP-14H
BLOCK DIAGRAM
13
12
11
10
9
8
14
1
2
3
4
5
6
7
H/S
AMP 1
AMP 2
Ripple
Filter
CH1
Input
CH1
Feedback
CH1 Compen
Sation
CH1
Boot Strap
CH1
Output
NC
GND
CH2
Input
CH2
Feedback
CH2 Compen
Sation
CH2
Boot Strap
CH2
Output
Vcc
ABSOLUTE MAXIMUN RATINGS (Ta=25°C)
PARAMETER
SYMBOL
VALUE
UNIT
Supply Voltage(no signal)
Vcc
18
V
Supply Voltage(operating)
Vcc
16
V
Power Dissipation
PD
2
W
Operating Temperature
TOPR
-20 ~ 75
°C
Storage Temperature
TSTG
-40 ~ 150
°C


Similar Part No. - UTCPC1316

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UTCPC1353 UTC-UTCPC1353 Datasheet
52Kb / 4P
TV AUDIO PROCESSING CIRCUIT
UTCPC1366 UTC-UTCPC1366 Datasheet
95Kb / 4P
LINEAR INTEGRATED CIRCUIT
More results

Similar Description - UTCPC1316

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UZ1086 UTC-UZ1086 Datasheet
129Kb / 5P
LINEAR INTEGRATED CIRCUIT
M4565 UTC-M4565 Datasheet
127Kb / 4P
LINEAR INTEGRATED CIRCUIT
TA31142 UTC-TA31142 Datasheet
53Kb / 6P
LINEAR INTEGRATED CIRCUIT
UTC78D UTC-UTC78D Datasheet
104Kb / 7P
LINEAR INTEGRATED CIRCUIT
TL432C UTC-TL432C_07 Datasheet
103Kb / 3P
LINEAR INTEGRATED CIRCUIT
logo
Wing Shing Computer Com...
AN6650 WINGS-AN6650 Datasheet
56Kb / 3P
Linear Integrated Circuit
logo
Leshan Radio Company
LR431ATLTIG LRC-LR431ATLTIG Datasheet
116Kb / 5P
LINEAR INTEGRATED CIRCUIT
LR431BPTLT1G LRC-LR431BPTLT1G Datasheet
116Kb / 5P
LINEAR INTEGRATED CIRCUIT
LTL431APTLT1G LRC-LTL431APTLT1G Datasheet
116Kb / 5P
LINEAR INTEGRATED CIRCUIT
LTL431BPTLT1G LRC-LTL431BPTLT1G Datasheet
116Kb / 5P
LINEAR INTEGRATED CIRCUIT
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com