Electronic Components Datasheet Search
  English  ▼

X  

RCR03 Datasheet(PDF) 1 Page - Unisonic Technologies

Part # RCR03
Description  3 FUNCTION DECODER FOR REMOTE CONTROLLER
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

RCR03 Datasheet(HTML) 1 Page - Unisonic Technologies

  RCR03 Datasheet HTML 1Page - Unisonic Technologies RCR03 Datasheet HTML 2Page - Unisonic Technologies RCR03 Datasheet HTML 3Page - Unisonic Technologies RCR03 Datasheet HTML 4Page - Unisonic Technologies RCR03 Datasheet HTML 5Page - Unisonic Technologies RCR03 Datasheet HTML 6Page - Unisonic Technologies RCR03 Datasheet HTML 7Page - Unisonic Technologies RCR03 Datasheet HTML 8Page - Unisonic Technologies RCR03 Datasheet HTML 9Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
UTCRCR03
CMOS
UTC UNISONIC TECHNOLOGIES CO., LTD. 1
QW-R502-003,A
3 FUNCTION DECODER FOR
REMOTE CONTROLLER
DESCRIPTION
The UTC RCR03 is CMOS LST designed for the remote
controlled toy. The received signal is amplified by the
three-stage amplifier, and then the appropriate amplified
signal is sampled, fault-tolerantly checked and decoded to
control the actions of the remotecontrolled toy. There is an
oscillator in the RCR03. By adding an external resistor
conveniently, the oscillator will be construted. The oscillator
frequency can be adjusted by the external resistor. Pressing
the ON/OFF button can control the output level of the PC pin.
The UTC RCR03,the auto-power-off functionsis achieved by
an internal counter.When the RCR03 is powered on the
counter is reset and begin to count. Any received encoding
signal also reset the counter. The PC output pin will keep on
a high level until the counter counts up to about 6 minutes.
The PC output is used to control on/off state of the external
power supply.
The UTC RCR03 have four output pins corresponding with
the three actions: Forward, Backward and Left.
FEATURES
* Operating power-supply voltage range: 2.5 to 5.5V
* Manual-power-on/off with ON/OFF button
*One output pin used for external power control
*On-chip oscillator with an external resistor
*On-chip reversing amplifiers
*Low operating current
*Few external components needed
*Four output pins for three function
*Manual Power on/off function
DIP-16


Similar Part No. - RCR03

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
RCR02 UTC-RCR02 Datasheet
117Kb / 7P
Decoder For Remote Controller With Five Functions
RCR02 UTC-RCR02 Datasheet
198Kb / 7P
DECODER FOR REMOTE CONTROLLER
RCR02G-D16-T UTC-RCR02G-D16-T Datasheet
198Kb / 7P
DECODER FOR REMOTE CONTROLLER
RCR02G-S16-R UTC-RCR02G-S16-R Datasheet
198Kb / 7P
DECODER FOR REMOTE CONTROLLER
RCR02L-D16-T UTC-RCR02L-D16-T Datasheet
198Kb / 7P
DECODER FOR REMOTE CONTROLLER
More results

Similar Description - RCR03

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
RCR02 UTC-RCR02 Datasheet
117Kb / 7P
Decoder For Remote Controller With Five Functions
logo
Pericom Semiconductor C...
PT8A973 PERICOM-PT8A973 Datasheet
75Kb / 13P
7-Function Remote Controller
PT8A974LP PERICOM-PT8A974LP Datasheet
70Kb / 12P
8-Function Remote Controller
logo
List of Unclassifed Man...
PT8A971AP ETC1-PT8A971AP Datasheet
65Kb / 10P
5-Function Remote Controller
logo
Unisonic Technologies
RCR2C UTC-RCR2C Datasheet
129Kb / 7P
DECODER FOR REMOTE CONTROLLER WITH FIVE FUNCTIONS
RCR2E UTC-RCR2E Datasheet
164Kb / 6P
DECODER FOR REMOTE CONTROLLER WITH FIVE FUNCTIONS
RCR02 UTC-RCR02_15 Datasheet
123Kb / 7P
Decoder For Remote Controller With Five Functions
RCR2E UTC-RCR2E_15 Datasheet
164Kb / 6P
DECODER FOR REMOTE CONTROLLER WITH FIVE FUNCTIONS
logo
Pericom Semiconductor C...
PT8A990A PERICOM-PT8A990A Datasheet
326Kb / 9P
9-Function Remote Controller
logo
Unisonic Technologies
RCR02 UTC-RCR02_18 Datasheet
198Kb / 7P
DECODER FOR REMOTE CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com