Electronic Components Datasheet Search
  English  ▼

X  

RCT02 Datasheet(PDF) 3 Page - Unisonic Technologies

Part # RCT02
Description  Encoder For Remote Controller With Five Functions CMOS IC
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

RCT02 Datasheet(HTML) 3 Page - Unisonic Technologies

  RCT02 Datasheet HTML 1Page - Unisonic Technologies RCT02 Datasheet HTML 2Page - Unisonic Technologies RCT02 Datasheet HTML 3Page - Unisonic Technologies RCT02 Datasheet HTML 4Page - Unisonic Technologies RCT02 Datasheet HTML 5Page - Unisonic Technologies RCT02 Datasheet HTML 6Page - Unisonic Technologies RCT02 Datasheet HTML 7Page - Unisonic Technologies RCT02 Datasheet HTML 8Page - Unisonic Technologies RCT02 Datasheet HTML 9Page - Unisonic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
UTCRCT02
CMOS IC
UTC UNISONIC TECHNOLOGIES CO., LTD.
3
QW-R502-002,C
ABSOLUTE MAXIMUM RATINGS
PARAMETER
SYMBOL
VALUE
UNIT
DC Input Voltage
VIN
-0.5 ~ +5.5
V
Supply Voltage to Ground Potential(Inputs &VDD Only)
-0.5 ~ +5.5
V
Supply Voltage to Ground Potential(Outputs &D/O Only)
-0.5 ~ +5.5
V
DC Output Current
Io
20
mA
Power Dissipation
PD
500
mW
Ambient Temperature With Power Applied
TA
-10 to +40
°C
Storage Temperature
TSTG
-25 to +85
°C
DC ELECTRICAL CHARACTERISTICS (Over the operating rating, TA= -10°C~ +40°C,VDD=4.0V±10%)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX UNITS
Operating Voltage
VDD
2.5
4.0
5.0
V
Supply Current
IDD
Output unloaded
300
µA
Standby Current
ISTB
OFF state
10
µA
Input Current
IIN
Pin 1,4,5,6,14
60
µA
Input Low Voltage
VIL
Guaranteed Logic Low Level
0.5
V
Output High Voltage
VOH
IOUT=1.0mA
3.5
V
Output High Current
IOH
VOUT=1.4V
-4.0
mA
Output Low Voltage
VOL
IOUT=150
µA
0.5
V
Output Low Current
IOL
VOUT=0.5V
150
µA
AC ELECTRICAL CHARACTERISTICS (Over the operating rating, TA= -10°C to +40°C,VDD=4.0V±10%)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX UNITS
Oscillator Frequency
(Note 1)
Fosc
TA=25
°C,R=200KΩ
102
128
154
KHz
Cycle Time of Function Code
TFUN
FOSC=102~ 154KHz
0.8
1
1.2
ms
Cycle Time of Start Code
TSTA
FOSC=102~ 154KHz
1.6
21
2.4
ms
Carrier Frequency of SC Pin
FCSC
FOSC=102~ 154KHz
51
64
77
KHz
Time of Auto-Power-Off
(Note 2)
TOFF*
FOSC=102~ 154KHz
3.2
4
4.8
min.
Note 1: The relative error between the frequencies of the two on-chip oscillators in the RCT02 and RCR02 must be
less than±25%.
Note 2: When adjust the external oscillator resistor, the auto-power-off time will vary relevantly.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com