Electronic Components Datasheet Search
  English  ▼

X  

ESD341 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # ESD341
Description  ESD341 1-Channel 짹 30 kV ESD Protection Diode in 0201 Package
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ESD341 Datasheet(HTML) 13 Page - Texas Instruments

Back Button ESD341 Datasheet HTML 7Page - Texas Instruments ESD341 Datasheet HTML 8Page - Texas Instruments ESD341 Datasheet HTML 9Page - Texas Instruments ESD341 Datasheet HTML 10Page - Texas Instruments ESD341 Datasheet HTML 11Page - Texas Instruments ESD341 Datasheet HTML 12Page - Texas Instruments ESD341 Datasheet HTML 13Page - Texas Instruments ESD341 Datasheet HTML 14Page - Texas Instruments ESD341 Datasheet HTML 15Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
TAPE AND REEL BOX DIMENSIONS
Width (mm)
H
Device
Package Type
Package Drawing
Pins
SPQ
Length (mm)
Width (mm)
Height (mm)
ESD341DPLR
X2SON
DPL
2
15000
205
200
33
www.ti.com
ESD341
SLVSGV3 – APRIL 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
13
Product Folder Links: ESD341



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com