Electronic Components Datasheet Search
  English  ▼

X  

SE07PD Datasheet(PDF) 2 Page - Vishay Siliconix

Part # SE07PD
Description  Surface-Mount ESD Capability Rectifiers
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SE07PD Datasheet(HTML) 2 Page - Vishay Siliconix

  SE07PD Datasheet HTML 1Page - Vishay Siliconix SE07PD Datasheet HTML 2Page - Vishay Siliconix SE07PD Datasheet HTML 3Page - Vishay Siliconix SE07PD Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
SE07PB, SE07PD, SE07PG, SE07PJ
www.vishay.com
Vishay General Semiconductor
Revision: 20-Feb-2020
2
Document Number: 89023
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Note
(1) Thermal resistance from junction to ambient and junction to lead mounted on PCB with 5.0 mm x 5.0 mm copper pad areas. RθJL - is
measured at the terminal of cathode band. RθJC is measured at the top center of the body.
Notes
(1) Immunity to IEC 61000-4-2 air discharge mode has a typical performance > 30 kV
(2) System ESD standard
RATINGS AND CHARACTERISTICS CURVES (TA = 25 °C unless otherwise noted)
Fig. 1 - Max. Forward Current Derating Curve
Fig. 2 - Forward Power Loss Characteristics
THERMAL CHARACTERISTICS (TA = 25 °C unless otherwise noted)
PARAMETER
SYMBOL
SE07PB
SE07PD
SE07PG
SE07PJ
UNIT
Typical thermal resistance
RθJA
(1)
105
°C/W
RθJL
(1)
25
RθJC
(1)
30
IMMUNITY TO ELECTRICAL STATIC DISCHARGE TO THE FOLLOWING STANDARDS
(TA = 25 °C unless otherwise noted)
STANDARD
TEST TYPE
TEST CONDITIONS
SYMBOL
CLASS
VALUE
JESD22-A114
Human body model (contact mode)
C = 100 pF, R = 1.5 k
Ω
VC
3B
> 8 kV
JESD22-A115
Machine model (contact mode)
C = 200 pF, R = 0
Ω
C
> 400 V
IEC 61000-4-2 (2)
Human body model (contact mode)
C = 150 pF, R = 330
Ω
4> 8 kV
Human body model (air-discharge mode) (1)
C = 150 pF, R = 330
Ω
4
> 15 kV
ORDERING INFORMATION (Example)
PREFERRED P/N
UNIT WEIGHT (g)
PREFERRED PACKAGE CODE
BASE QUANTITY
DELIVERY MODE
SE07PJ-M3/84A
0.024
84A
3000
7" diameter plastic tape and reel
SE07PJ-M3/85A
0.024
85A
10 000
13" diameter plastic tape and reel
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0
255075
100
125
175
150
Lead Temperature (°C)
T
L Measured
at the Cathode Band Terminal
Resistive or Inductive Load
0.1
0
0.2
0.4
0.3
0.6
0.7
0.5
0.8
0.9
0
0.1
0.2
0.3
0.4
0.5
0.7
0.8
0.6
D = 0.1
D = 0.2
D = 0.3
D = 0.5
D = 0.8
D = 1.0
Average Forward Current (A)
D = t
p/T
t
p
T



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com