Electronic Components Datasheet Search
  English  ▼

X  

UC621XX-AF5-R Datasheet(PDF) 8 Page - Unisonic Technologies

Part # UC621XX-AF5-R
Description  CMOS IC
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UC621XX-AF5-R Datasheet(HTML) 8 Page - Unisonic Technologies

Back Button UC621XX-AF5-R Datasheet HTML 4Page - Unisonic Technologies UC621XX-AF5-R Datasheet HTML 5Page - Unisonic Technologies UC621XX-AF5-R Datasheet HTML 6Page - Unisonic Technologies UC621XX-AF5-R Datasheet HTML 7Page - Unisonic Technologies UC621XX-AF5-R Datasheet HTML 8Page - Unisonic Technologies UC621XX-AF5-R Datasheet HTML 9Page - Unisonic Technologies UC621XX-AF5-R Datasheet HTML 10Page - Unisonic Technologies UC621XX-AF5-R Datasheet HTML 11Page - Unisonic Technologies UC621XX-AF5-R Datasheet HTML 12Page - Unisonic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
UC621XX
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
8 of 14
www.unisonic.com.tw
QW-R502-028,B
TYPICAL CHARACTERISTICS(Cont.)
2.8
3.3
3.5
3.3
3.8
3.1
2.9
UC62133
34
3.35
5
3.15
3.40
3.30
6
3.25
3.20
2.7
2.5
Input Voltage, VIN (V)
Input Voltage, VIN (V)
500mA
100mA
500mA
100mA
UC62133
IOUT=1mA
IOUT=1mA
TOPR =25℃
CL=10µF (tantalum)
TOPR =25℃
CL=10µF (tantalum)
3.5
4
4.2
4.0
4.5
3.8
3.6
UC62140
45
4.05
6
3.85
4.10
4.00
7
3.95
3.90
3.4
3.2
100mA
UC62140
Input Voltage, VIN (V)
Input Voltage, VIN (V)
500mA
500mA
100mA
IOUT=1mA
IOUT=1mA
TOPR =25℃
CL=10µF (tantalum)
TOPR =25℃
CL=10µF (tantalum)
4.5
5
5.2
5.0
5.5
4.8
4.6
UC62150
56
5.05
7
4.85
5.10
5.00
8
4.95
4.90
4.4
4.2
100mA
500mA
UC62150
Input Voltage, VIN (V)
TOPR =25 ℃
CL=10µF ( tantalum)
500mA
100mA
Input Voltage, VIN (V)
IOUT=1mA
IOUT=1mA
TOPR =25℃
CL=10µF (tantalum)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com