Electronic Components Datasheet Search
  English  ▼

X  

TLVM13640 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # TLVM13640
Description  TLVM13640 High-Density, 3-V to 36-V Input, 1-V to 6-V Output, 4-A Synchronous Buck DC/DC Power Module With Enhanced HotRod??QFN Package
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLVM13640 Datasheet(HTML) 5 Page - Texas Instruments

  TLVM13640 Datasheet HTML 1Page - Texas Instruments TLVM13640 Datasheet HTML 2Page - Texas Instruments TLVM13640 Datasheet HTML 3Page - Texas Instruments TLVM13640 Datasheet HTML 4Page - Texas Instruments TLVM13640 Datasheet HTML 5Page - Texas Instruments TLVM13640 Datasheet HTML 6Page - Texas Instruments TLVM13640 Datasheet HTML 7Page - Texas Instruments TLVM13640 Datasheet HTML 8Page - Texas Instruments TLVM13640 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 40 page
background image
7 Specifications
7.1 Absolute Maximum Ratings
Limits apply over TJ = –40°C to 150°C (unless otherwise noted). (1)
MIN
MAX
UNIT
Input voltage
VIN1, VIN2 to AGND, PGND
–0.3
42
V
RBOOT to SW
–0.3
5.5
V
CBOOT to SW
–0.3
5.5
V
VLDOIN to AGND, PGND
–0.3
min (VVIN + 0.3, 16)
V
EN to AGND, PGND
–0.3
42
V
RT to AGND, PGND
–0.3
5.5
V
FB to AGND, PGND
–0.3
16
V
PG to AGND, PGND
0
20
V
PGND to AGND
–1
2
V
Output voltage
VCC to AGND, PGND
–0.3
5.5
V
SW to AGND, PGND(2)
–0.3
42
V
VOUT1, VOUT2 to AGND, PGND
–0.3
6
V
Input current
PG
10
mA
TJ
Junction temperature
–40
150
°C
TA
Ambient temperature
–40
125
°C
Tstg
Storage temperature
–55
150
°C
Peak reflow case temperature
250
°C
Maximum number of reflows allowed
3
Mechanical vibration
MIL-STD-883D, Method 2007.2, 20 Hz to 2 kHz
20
G
Mechanical shock
MIL-STD-883D, Method 2002.3, 1 ms, 1/2 sine, mounted
500
G
(1)
Operation outside the Absolute Maximum Ratings may cause permanent device damage. Absolute Maximum Ratings do not imply
functional operation of the device at these or any other conditions beyond those listed under Recommended Operating Conditions.
If used outside the Recommended Operating Conditions but within the Absolute Maximum Ratings, the device may not be fully
functional, and this may affect device reliability, functionality, performance, and shorten the device lifetime.
(2)
A voltage of 2 V below PGND and 2 V above VIN can appear on this pin for ≤ 200 ns with a duty cycle of ≤ 0.01%.
7.2 ESD Ratings
VALUE
UNIT
V(ESD)
Electrostatic discharge
Human-body model (HBM), per ANSI/ESDA/JEDEC JS-001(1)
±1500
V
Charged-device model (CDM), per ANSI/ESDA/JEDEC JS-002(2)
±500
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
(2)
JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process.
www.ti.com
TLVM13640
SLVSGJ7 – APRIL 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
5
Product Folder Links: TLVM13640



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com