Electronic Components Datasheet Search
  English  ▼

X  

M65657FP Datasheet(PDF) 2 Page - Mitsubishi Electric Semiconductor

Part # M65657FP
Description  SCAN CONVERTER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M65657FP Datasheet(HTML) 2 Page - Mitsubishi Electric Semiconductor

  M65657FP Datasheet HTML 1Page - Mitsubishi Electric Semiconductor M65657FP Datasheet HTML 2Page - Mitsubishi Electric Semiconductor M65657FP Datasheet HTML 3Page - Mitsubishi Electric Semiconductor M65657FP Datasheet HTML 4Page - Mitsubishi Electric Semiconductor M65657FP Datasheet HTML 5Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
MITSUBISHI ICs (TV)
M65657FP
SCAN CONVERTER
2
ABSOLUTE MAXIMUM RATINGS (VSS=0V)
∗1 : Output current per output terminal. But Pd limits all current.
DC CHARACTERISTICS (VSS=0V)
Symbol
Parameter
Limits
Unit
Min.
Max.
VDD3
Supply voltage (3.3V)
-0.3
3.6
V
VI
Input voltage
-0.3
VDD3+0.3
V
VO
Output voltage
-0.3
VDD3+0.3
V
IO
Output current (
∗1)
−
−
IOL=20
IOH=-26
mA
Pd
Power dissipation
500
mW
Topr
Operating temperature
0
75
°C
Tstg
Storage temperrature
-50
125
°C
Symbol
Parameter
Test conditions
Limits
Unit
Min.
Typ.
Max.
VIL
Input voltage
(CMOS interface)
L
VDD=2.7V
0
−
0.81
V
VIH
H
VDD=3.6V
2.52
−
3.6
V
VT-
Input volyage schmitt
trigger
(CMOS interface)
-
VDD=3.3V
0.5
−
1.65
V
VT+
+
1.4
−
2.4
V
VH
Hysteresis
0.3
−
1.2
V
VOL
Output voltage
L
VDD=3.3V,
| IO |<1µA
−
−
0.05
V
VOH
H
3.25
−
−
V
IOL
Output current
L
VDD=3.0V, VOL=0.4V
4
−
−
mA
IOH
H
VDD=3.0V, VOH=2.6V
−
−
-4
mA
IIH
Input current
L
VDD=3.6V, VI=0V
-1
−
1
µA
IIL
H
VDD=3.6V, VI=3.6V
-1
−
1
µA
IOZL
Output leakage current
L
VDD=3.6V, VO=0V
-1
−
1
µA
IOZH
H
VDD=3.6V, VO=3.6V
-1
−
1
µA
CI
Input pin capacitance
f=1MHz, VDD=0V
−
7
15
pF
CO
Output pin capacitance
−
7
15
pF
CIO
Bidirectional pin capacitance
−
7
15
pF
IDD
Operating current
3.3V supply
−
−
200
mA



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com