Electronic Components Datasheet Search
  English  ▼

X  

SF4001 Datasheet(PDF) 4 Page - Vishay Siliconix

Part # SF4001
Description  Ultra-Fast Avalanche Sinterglass Diode
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SF4001 Datasheet(HTML) 4 Page - Vishay Siliconix

  SF4001 Datasheet HTML 1Page - Vishay Siliconix SF4001 Datasheet HTML 2Page - Vishay Siliconix SF4001 Datasheet HTML 3Page - Vishay Siliconix SF4001 Datasheet HTML 4Page - Vishay Siliconix SF4001 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
SF4001, SF4002, SF4003, SF4004, SF4005, SF4006, SF4007
www.vishay.com
Vishay Semiconductors
Rev. 1.9, 21-Feb-18
4
Document Number: 86060
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Fig. 9 - Max. Reverse Power Dissipation vs. Junction Temperature
Fig. 10 - Diode Capacitance vs. Reverse Voltage
PACKAGE DIMENSIONS in millimeters (inches): SOD-57
0
50
100
150
200
250
300
350
400
450
500
25
50
75
100
125
150
175
Tj - Junction Temperature (°C)
16476
V
R = VRRM
SF4004
SF4004
SF4007
P
R - Limit at 100 % VR
SF4007
P
R - Limit at 80 % VR
P
R - Limit at 100 % VR
P
R - Limit at 80 % VR
0
5
10
15
20
25
30
35
40
45
50
0.1
1
10
100
VR - Reverse Voltage (V)
16477
f = 1 MHz
SF4004
SF4007
20543
26 (1.024) min.
4 (0.157) max.
26 (1.024) min.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com