Electronic Components Datasheet Search
  English  ▼

X  

SF5401 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # SF5401
Description  Ultra-Fast Avalanche Sinterglass Diode
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SF5401 Datasheet(HTML) 2 Page - Vishay Siliconix

  SF5401 Datasheet HTML 1Page - Vishay Siliconix SF5401 Datasheet HTML 2Page - Vishay Siliconix SF5401 Datasheet HTML 3Page - Vishay Siliconix SF5401 Datasheet HTML 4Page - Vishay Siliconix SF5401 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
SF5400, SF5401, SF5402, SF5403, SF5404, SF5405, SF5406, SF5407, SF5408
www.vishay.com
Vishay Semiconductors
Rev. 1.9, 22-Feb-18
2
Document Number: 86061
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
ABSOLUTE MAXIMUM RATINGS (Tamb = 25 °C, unless otherwise specified)
PARAMETER
TEST CONDITION
PART
SYMBOL
VALUE
UNIT
Reverse voltage = repetitive peak
reverse voltage
See electrical characteristics
SF5400
VR = VRRM
50
V
SF5401
VR = VRRM
100
V
SF5402
VR = VRRM
200
V
SF5403
VR = VRRM
300
V
SF5404
VR = VRRM
400
V
SF5405
VR = VRRM
500
V
SF5406
VR = VRRM
600
V
SF5407
VR = VRRM
800
V
SF5408
VR = VRRM
1000
V
Peak forward surge current
tp = 2 ms, half sine wave
IFSM
150
A
tp = 10 ms, half sine wave
80
Average forward current
IF(AV)
3A
Junction and storage temperature range
Tj = Tstg
-55 to +175
°C
Non repetitive reverse avalanche energy
I(BR)R = 0.4 A
ER
10
mJ
MAXIMUM THERMAL RESISTANCE (Tamb = 25 °C, unless otherwise specified)
PARAMETER
TEST CONDITION
SYMBOL
VALUE
UNIT
Junction ambient
Lead length l = 10 mm, TL = constant
RthJA
25
K/W
On PC board with spacing 25 mm
RthJA
70
K/W
ELECTRICAL CHARACTERISTICS (Tamb = 25 °C, unless otherwise specified)
PARAMETER
TEST CONDITION
PART
SYMBOL
MIN.
TYP.
MAX.
UNIT
Forward voltage
IF = 3 A
SF5400
VF
--
1.1
V
SF5401
VF
--
1.1
V
SF5402
VF
--
1.1
V
SF5403
VF
--
1.1
V
SF5404
VF
--
1.1
V
SF5405
VF
--
1.7
V
SF5406
VF
--
1.7
V
SF5407
VF
--
1.7
V
SF5408
VF
--
1.7
V
Reverse current
VR = VRRM
IR
--
5
μA
VR = VRRM, Tj = 125 °C
IR
-
-
50
μA
Reverse breakdown voltage
IR = 100 μA
SF5400
V(BR)R
60
-
-
V
SF5401
V(BR)R
110
-
-
V
SF5402
V(BR)R
220
-
-
V
SF5403
V(BR)R
330
-
-
V
SF5404
V(BR)R
440
-
-
V
SF5405
V(BR)R
550
-
-
V
SF5406
V(BR)R
660
-
-
V
SF5407
V(BR)R
880
-
-
V
SF5408
V(BR)R
1100
-
-
V
Reverse recovery time
IF = 0.5 A, IR = 1 A, iR = 0.25 A
SF5400
trr
-
-
50
ns
SF5401
trr
-
-
50
ns
SF5402
trr
-
-
50
ns
SF5403
trr
-
-
50
ns
SF5404
trr
-
-
50
ns
SF5405
trr
-
-
75
ns
SF5406
trr
-
-
75
ns
SF5407
trr
-
-
75
ns
SF5408
trr
-
-
75
ns



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com