Electronic Components Datasheet Search
  English  ▼

X  

SL03-M Datasheet(PDF) 2 Page - Vishay Siliconix

Part # SL03-M
Description  Schottky Rectifier Surface-Mount
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SL03-M Datasheet(HTML) 2 Page - Vishay Siliconix

  SL03-M Datasheet HTML 1Page - Vishay Siliconix SL03-M Datasheet HTML 2Page - Vishay Siliconix SL03-M Datasheet HTML 3Page - Vishay Siliconix SL03-M Datasheet HTML 4Page - Vishay Siliconix SL03-M Datasheet HTML 5Page - Vishay Siliconix SL03-M Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
SL02-M, SL03-M
www.vishay.com
Vishay Semiconductors
Rev. 2.6, 26-Feb-2021
2
Document Number: 85190
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Note
(1)
Pulse test: 300 μs pulse width, 1 % duty cycle
TYPICAL CHARACTERISTICS (Tamb = 25 °C, unless otherwise specified)
Fig. 1 - Forward Current Derating Curve
Fig. 2 - Typical Junction Capacitance
Fig. 3 - Typical Instantaneous Forward Characteristics - SL02
Fig. 4 - Typical Reverse Current Characteristics - SL02
ELECTRICAL CHARACTERISTICS (Tamb = 25 °C, unless otherwise specified)
PARAMETER
TEST CONDITION
PART
SYMBOL
MIN.
TYP.
MAX.
UNIT
Instantaneous forward voltage
IF = 0.5 A (1)
SL02-M
VF
0.360
0.385
V
SL03-M
VF
0.395
0.43
V
Typical instantaneous forward voltage
IF = 1.1 A
SL02-M
VF
0.420
V
SL03-M
VF
0.450
V
Maximum DC reverse current at rated
DC blocking voltage
TA = 25 °C
SL02-M
IR
250
μA
TA = 100 °C
SL02-M
IR
8mA
TA = 25 °C
SL03-M
IR
130
μA
TA = 100 °C
SL03-M
IR
6mA
Reverse recovery time
SL02-M
trr
< 10
ns
SL03-M
trr
< 10
ns
0 10
30
50
70
90
110 130
0
0.5
1.5
1.0
150
Lead Temperature (°C)
17379
12
10
50
100
150
200
250
0
2
4
6
8
10
Reverse Voltage (V)
SL02
17380_SL02
1
10
0
0.2
0.4
0.6
0.8
1.0
0.0001
0.001
0.01
0.1
Instantaneous Forward Voltage (V)
T
j = 100 °C
T
j = 50 °C
T
j = 75 °C
T
j = 25 °C
Pulse width = 300 µs
1 % duty cycle
17381
0
5
10
15
1
10
100
1000
10 000
20
25
Reverse Voltage (V)
T
j = 100 °C
T
j = 50 °C
T
j = 75 °C
T
j = 25 °C
17382



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com