Electronic Components Datasheet Search
  English  ▼

X  

SS2H9 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # SS2H9
Description  High Voltage Surface-Mount Schottky Rectifier
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SS2H9 Datasheet(HTML) 2 Page - Vishay Siliconix

  SS2H9 Datasheet HTML 1Page - Vishay Siliconix SS2H9 Datasheet HTML 2Page - Vishay Siliconix SS2H9 Datasheet HTML 3Page - Vishay Siliconix SS2H9 Datasheet HTML 4Page - Vishay Siliconix SS2H9 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
SS2H9, SS2H10
www.vishay.com
Vishay General Semiconductor
Revision: 23-Apr-2020
2
Document Number: 88750
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Notes
(1) Pulse test: 300 μs pulse width, 1 % duty cycle
(2) Pulse test: pulse width
≤ 40 ms
Note
(1) Units mounted on PCB with 0.2" x 0.2" (5.0 mm x 5.0 mm) copper pad areas
Note
(1) AEC-Q101 qualified
ELECTRICAL CHARACTERISTICS (TA = 25 °C unless otherwise noted)
PARAMETER
TEST CONDITIONS
SYMBOL
SS2H9
SS2H10
UNIT
Maximum instantaneous forward voltage (1)
IF = 2.0 A
TJ = 25 °C
VF
0.79
V
TJ = 125 °C
0.65
Maximum reverse current at rated VR (2)
TJ = 25 °C
IR
10
μA
TJ = 125 °C
4
mA
THERMAL CHARACTERISTICS (TA = 25 °C unless otherwise noted)
PARAMETER
SYMBOL
SS2H9
SS2H10
UNIT
Maximum thermal resistance junction-to-lead TL = 25 °C (1)
RθJA
80
°C/W
RθJL
25
ORDERING INFORMATION (Example)
PREFERRED P/N
UNIT WEIGHT (g)
PREFERRED PACKAGE CODE
BASE QUANTITY
DELIVERY MODE
SS2H10-E3/52T
0.096
52T
750
7" diameter plastic tape and reel
SS2H10-E3/5BT
0.096
5BT
3200
13" diameter plastic tape and reel
SS2H10HE3_A/H (1)
0.096
H
750
7" diameter plastic tape and reel
SS2H10HE3_A/I (1)
0.096
I
3200
13" diameter plastic tape and reel
SS2H10-M3/52T
0.096
52T
750
7" diameter plastic tape and reel
SS2H10-M3/5BT
0.096
5BT
3200
13" diameter plastic tape and reel
SS2H10HM3_A/H (1)
0.096
H
750
7" diameter plastic tape and reel
SS2H10HM3_A/I (1)
0.096
I
3200
13" diameter plastic tape and reel



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com