Electronic Components Datasheet Search
  English  ▼

X  

SS2PH6 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # SS2PH6
Description  High Current Density Surface-Mount Schottky Barrier Rectifier
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SS2PH6 Datasheet(HTML) 2 Page - Vishay Siliconix

  SS2PH6 Datasheet HTML 1Page - Vishay Siliconix SS2PH6 Datasheet HTML 2Page - Vishay Siliconix SS2PH6 Datasheet HTML 3Page - Vishay Siliconix SS2PH6 Datasheet HTML 4Page - Vishay Siliconix SS2PH6 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
SS2PH5, SS2PH6
www.vishay.com
Vishay General Semiconductor
Revision: 08-Mar-2022
2
Document Number: 87741
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Notes
(1) Pulse test: 300 μs pulse width, 1 % duty cycle
(2) Pulse test: Pulse width
≤ 5 ms
Note
(1) Free air, mounted on recommended PCB, 2 oz. pad area; thermal resistance RθJA - junction to ambient, RθJM - junction to mount
Note
(1) AEC-Q101 qualified
ELECTRICAL CHARACTERISTICS (TA = 25 °C unless otherwise noted)
PARAMETER
TEST CONDITIONS
SYMBOL
TYP.
MAX.
UNIT
Instantaneous forward voltage
IF = 1.0 A
TA = 25 °C
VF (1)
0.63
-
V
IF = 2.0 A
0.72
0.80
IF = 1.0 A
TA = 125 °C
0.52
-
IF = 2.0 A
0.59
0.70
Reverse current at rated VR
TA = 25 °C
IR (2)
0.2
2.0
μA
TA = 125 °C
0.13
1.0
mA
Typical junction capacitance
4.0 V, 1 MHz
CJ
93
-
pF
THERMAL CHARACTERISTICS (TA = 25 °C unless otherwise noted)
PARAMETER
SYMBOL
SS2PH5
SS2PH6
UNIT
Typical thermal resistance
RθJA
(1)
130
°C/W
RθJM
(1)
20
ORDERING INFORMATION (Example)
PREFERRED P/N
UNIT WEIGHT (g)
PREFERRED PACKAGE CODE
BASE QUANTITY
DELIVERY MODE
SS2PH6-M3/84A
0.024
84A
3000
7" diameter plastic tape and reel
SS2PH6-M3/85A
0.024
85A
10 000
13" diameter plastic tape and reel
SS2PH6HM3/84A (1)
0.024
84A
3000
7" diameter plastic tape and reel
SS2PH6HM3/85A (1)
0.024
85A
10 000
13" diameter plastic tape and reel



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com