Electronic Components Datasheet Search
  English  ▼

X  

CC2431 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # CC2431
Description  System-on-Chip for 2.4 GHz ZigBee-TM / IEEE 802.15.4 with Location Engine
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC2431 Datasheet(HTML) 2 Page - Texas Instruments

  CC2431 Datasheet HTML 1Page - Texas Instruments CC2431 Datasheet HTML 2Page - Texas Instruments CC2431 Datasheet HTML 3Page - Texas Instruments CC2431 Datasheet HTML 4Page - Texas Instruments CC2431 Datasheet HTML 5Page - Texas Instruments CC2431 Datasheet HTML 6Page - Texas Instruments CC2431 Datasheet HTML 7Page - Texas Instruments CC2431 Datasheet HTML 8Page - Texas Instruments CC2431 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
CC2431
SWRS034
Page 2 of 14
Key Features (continued)
•
8-14 bits ADC with up to eight inputs
•
128-bit AES security coprocessor
•
Two powerful USARTs with support for
several serial protocols.
•
Hardware debug support
•
Watchdog timer
•
One IEEE 802.15.4 MAC Timer, one
general 16-bit timer and two 8-bit timers
•
RoHS compliant 7x7mm QLP48 package
•
21 general I/O pins, two with 20mA
sink/source capability
•
Powerful and flexible development tools
available
Note:
The CC2431 and the CC2430 are pin compatible, and the MCU and RF parts of the
CC2430-F128 are identical to the CC2431 except the Location Engine. This data sheet
complements the CC2430 data sheet with a description of the Location Engine. For
complete information about the CC2431, please refer to the CC2430 data sheet in
addition to this data sheet.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com