Electronic Components Datasheet Search
  English  ▼

X  

DF2BN0200 Datasheet(PDF) 1 Page - Schneider Electric

Part # DF2BN0200
Description  NFC cartridge fuses, TeSys GS, cylindrical 8.5mm x 31.5mm, fuse type gG, 400VAC, 2A, without striker
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric

DF2BN0200 Datasheet(HTML) 1 Page - Schneider Electric

  DF2BN0200 Datasheet HTML 1Page - Schneider Electric DF2BN0200 Datasheet HTML 2Page - Schneider Electric  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Product data sheet
Specifications
NFC cartridge fuses, TeSys GS,
cylindrical 8.5mm x 31.5mm, fuse
type gG, 400VAC, 2A, without striker
DF2BN0200
Product availability : Stock - Normally stocked in distribution
facility
Price* : 7.60 USD
Main
Range of Product
TeSys fuse-disconnector
Product or Component Type
Cartridge fuse
Device short name
DF2
[Ue] rated operational voltage
400 V AC
Line Rated Current
2 A 400 V
Fuse size
8.5 x 31.5 mm
Fuse type
NFC
Quantity per Set
Set of 10
Complementary
Fuse curve
GG
Net Weight
0.02 lb(US) (0.01 kg)
Ordering and shipping details
Category
22621-IEC PANEL ACCESSORIES
Discount Schedule
I
GTIN
3389110499322
Nbr. of units in pkg.
1
Package weight(Lbs)
0.14 oz (4.0 g)
Returnability
No
Country of origin
FR
Packing Units
Unit Type of Package 1
PCE
Package 1 Height
0.43 in (1.1 cm)
Package 1 width
1.34 in (3.4 cm)
Package 1 Length
3.54 in (9 cm)
Unit Type of Package 2
BB1
Number of Units in Package 2
10
*  Price is “List Price” and may be subject to a trade discount – check with your local distributor or retailer for actual price.
Jun 13, 2022
1


Similar Part No. - DF2BN0200

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
DF2BN0100 SCHNEIDER-DF2BN0100 Datasheet
102Kb / 2P
NFC cartridge fuses, TeSys GS, cylindrical 8.5mm x 31.5mm, fuse type gG, 400VAC, 1A, without striker
Jun 13, 2022
DF2BN0400 SCHNEIDER-DF2BN0400 Datasheet
102Kb / 2P
NFC cartridge fuses, TeSys GS, cylindrical 8.5mm x 31.5mm, fuse type gG, 400VAC, 4A, without striker
Jun 13, 2022
More results

Similar Description - DF2BN0200

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
DF2BA0600 SCHNEIDER-DF2BA0600 Datasheet
77Kb / 2P
NFC cartridge fuses, TeSys GS, cylindrical 8.5mm x 31.5mm, fuse type aM, 400VAC, 6A, without striker
Jun 13, 2022
DF2BN0100 SCHNEIDER-DF2BN0100 Datasheet
102Kb / 2P
NFC cartridge fuses, TeSys GS, cylindrical 8.5mm x 31.5mm, fuse type gG, 400VAC, 1A, without striker
Jun 13, 2022
DF2BN0400 SCHNEIDER-DF2BN0400 Datasheet
102Kb / 2P
NFC cartridge fuses, TeSys GS, cylindrical 8.5mm x 31.5mm, fuse type gG, 400VAC, 4A, without striker
Jun 13, 2022
DF2BN1000 SCHNEIDER-DF2BN1000 Datasheet
102Kb / 2P
NFC cartridge fuses, TeSys GS, cylindrical 8.5mm x 31.5mm, fuse type gG, 400VAC, 10A, without striker
Jun 13, 2022
DF2BN2000 SCHNEIDER-DF2BN2000 Datasheet
102Kb / 2P
NFC cartridge fuses, TeSys GS, cylindrical 8.5mm x 31.5mm, fuse type gG, 400VAC, 20A, without striker
Jun 13, 2022
DF2CA25 SCHNEIDER-DF2CA25 Datasheet
77Kb / 2P
NFC cartridge fuses, TeSys GS, cylindrical 10mm x 38mm, fuse type aM, 400VAC, 25A, without striker
Jun 13, 2022
DF2CN32 SCHNEIDER-DF2CN32 Datasheet
102Kb / 2P
NFC cartridge fuses, TeSys GS, cylindrical 10mm x 38mm, fuse type gG, 400VAC, 32A, without striker
Jun 13, 2022
DF2EA50 SCHNEIDER-DF2EA50 Datasheet
104Kb / 2P
NFC cartridge fuses, TeSys GS, cylindrical 14mm x 51mm, fuse type aM, 400VAC, 50A, without striker
Jun 13, 2022
DF2EN32 SCHNEIDER-DF2EN32 Datasheet
105Kb / 2P
NFC cartridge fuses, TeSys GS, cylindrical 14mm x 51mm, fuse type gG, 500VAC, 32A, without striker
Jun 13, 2022
DF2EN50 SCHNEIDER-DF2EN50 Datasheet
105Kb / 2P
NFC cartridge fuses, TeSys GS, cylindrical 14mm x 51mm, fuse type gG, 400VAC, 50A, without striker
Jun 13, 2022
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com