Electronic Components Datasheet Search
  English  ▼

X  

DF2FA40 Datasheet(PDF) 1 Page - Schneider Electric

Part # DF2FA40
Description  NFC cartridge fuses, TeSys GS, cylindrical, 22mm x 58mm, fuse type aM, 690VAC, 40A, without striker
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric

DF2FA40 Datasheet(HTML) 1 Page - Schneider Electric

  DF2FA40 Datasheet HTML 1Page - Schneider Electric DF2FA40 Datasheet HTML 2Page - Schneider Electric  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Product data sheet
Specifications
NFC cartridge fuses, TeSys GS,
cylindrical, 22mm x 58mm, fuse type
aM, 690VAC, 40A, without striker
DF2FA40
Product availability : Stock - Normally stocked in distribution
facility
Price* : 18.60 USD
Main
Range of Product
TeSys fuse-disconnector
Product or Component Type
Cartridge fuse
Device short name
DF2
[Ue] rated operational voltage
690 V AC
Fuse size
22 x 58 mm
Fuse type
NFC
Quantity per Set
Set of 10
Complementary
Line Rated Current
40 A 690 V
Fuse curve
AM
Net Weight
0.10 lb(US) (0.045 kg)
Ordering and shipping details
Category
22621-IEC PANEL ACCESSORIES
Discount Schedule
I
GTIN
3389110502787
Nbr. of units in pkg.
1
Package weight(Lbs)
1.73 oz (49.0 g)
Returnability
No
Country of origin
TN
Packing Units
Unit Type of Package 1
PCE
Package 1 Height
0.94 in (2.4 cm)
Package 1 width
4.65 in (11.8 cm)
Package 1 Length
4.72 in (12 cm)
Unit Type of Package 2
BB1
Number of Units in Package 2
10
*  Price is “List Price” and may be subject to a trade discount – check with your local distributor or retailer for actual price.
Jun 13, 2022
1


Similar Part No. - DF2FA40

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
DF2FA100 SCHNEIDER-DF2FA100 Datasheet
119Kb / 2P
NFC cartridge fuses, TeSys GS, cylindrical, 22mm x 58mm, fuse type aM, 500VAC, 100A, without striker
Jun 13, 2022
DF2FA50 SCHNEIDER-DF2FA50 Datasheet
119Kb / 2P
NFC cartridge fuses, TeSys GS, cylindrical, 22mm x 58mm, fuse type aM, 690VAC, 50A, without striker
Jun 13, 2022
More results

Similar Description - DF2FA40

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
DF2BA0600 SCHNEIDER-DF2BA0600 Datasheet
77Kb / 2P
NFC cartridge fuses, TeSys GS, cylindrical 8.5mm x 31.5mm, fuse type aM, 400VAC, 6A, without striker
Jun 13, 2022
DF2BN0200 SCHNEIDER-DF2BN0200 Datasheet
102Kb / 2P
NFC cartridge fuses, TeSys GS, cylindrical 8.5mm x 31.5mm, fuse type gG, 400VAC, 2A, without striker
Jun 13, 2022
DF2CA25 SCHNEIDER-DF2CA25 Datasheet
77Kb / 2P
NFC cartridge fuses, TeSys GS, cylindrical 10mm x 38mm, fuse type aM, 400VAC, 25A, without striker
Jun 13, 2022
DF2EA16 SCHNEIDER-DF2EA16 Datasheet
104Kb / 2P
NFC cartridge fuses, TeSys GS, cylindrical 14mm x 51mm, fuse type aM, 500VAC, 16A, without striker
Jun 13, 2022
DF2EA25 SCHNEIDER-DF2EA25 Datasheet
104Kb / 2P
NFC cartridge fuses, TeSys GS, cylindrical 14mm x 51mm, fuse type aM, 500VAC, 25A, without striker
Jun 12, 2022
DF2EA32 SCHNEIDER-DF2EA32 Datasheet
104Kb / 2P
NFC cartridge fuses, TeSys GS, cylindrical 14mm x 51mm, fuse type aM, 500VAC, 32A, without striker
Jun 13, 2022
DF2EA50 SCHNEIDER-DF2EA50 Datasheet
104Kb / 2P
NFC cartridge fuses, TeSys GS, cylindrical 14mm x 51mm, fuse type aM, 400VAC, 50A, without striker
Jun 13, 2022
DF2EN32 SCHNEIDER-DF2EN32 Datasheet
105Kb / 2P
NFC cartridge fuses, TeSys GS, cylindrical 14mm x 51mm, fuse type gG, 500VAC, 32A, without striker
Jun 13, 2022
DF2FA100 SCHNEIDER-DF2FA100 Datasheet
119Kb / 2P
NFC cartridge fuses, TeSys GS, cylindrical, 22mm x 58mm, fuse type aM, 500VAC, 100A, without striker
Jun 13, 2022
DF2FA50 SCHNEIDER-DF2FA50 Datasheet
119Kb / 2P
NFC cartridge fuses, TeSys GS, cylindrical, 22mm x 58mm, fuse type aM, 690VAC, 50A, without striker
Jun 13, 2022
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com