Electronic Components Datasheet Search
  English  ▼

X  

NS8XT Datasheet(PDF) 2 Page - Vishay Siliconix

Part # NS8XT
Description  Glass Passivated General Purpose Plastic Rectifier
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

NS8XT Datasheet(HTML) 2 Page - Vishay Siliconix

  NS8XT Datasheet HTML 1Page - Vishay Siliconix NS8XT Datasheet HTML 2Page - Vishay Siliconix NS8XT Datasheet HTML 3Page - Vishay Siliconix NS8XT Datasheet HTML 4Page - Vishay Siliconix NS8XT Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
NS8xT, NSB8xT
www.vishay.com
Vishay General Semiconductor
End of Life - NS8F Series - October 2021
Revision: 06-May-2021
2
Document Number: 88690
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Note
(1) Pulse test: 300 μs pulse width, 1 % duty cycle
Note
(1) AEC-Q101 qualified
ELECTRICAL CHARACTERISTICS (TA = 25 °C unless otherwise noted)
PARAMETER
TEST CONDITIONS
SYMBOL NS8AT NS8BT
NS8DT NS8GT
NS8JT
NS8KT NS8MT UNIT
Maximum instantaneous
forward voltage
8.0 A
TJ = 25 °C
VF (1)
1.1
V
Maximum DC reverse
current at rated DC blocking
voltage
TJ = 25 °C
IR
10
μA
TJ = 100 °C
100
Typical junction capacitance
4.0 V, 1 MHz
CJ
55
pF
THERMAL CHARACTERISTICS (TA = 25 °C unless otherwise noted)
PARAMETER
SYMBOL
NSXT
NSFXT
NSBXT
UNIT
Typical thermal resistance from junction to case
RθJC
3.0
5.0
3.0
°C/W
ORDERING INFORMATION (Example)
PACKAGE
PREFERRED P/N
UNIT WEIGHT (g)
PACKAGE CODE
BASE QUANTITY
DELIVERY MODE
TO-220AC
NS8JT-E3/45
1.80
45
50/tube
Tube
TO-263AB
NSB8JT-E3/45
1.77
45
50/tube
Tube
TO-263AB
NSB8JT-E3/81
1.77
81
800/reel
Tape and reel
TO-220AC
NS8JTHE3/45 (1)
1.80
45
50/tube
Tube
TO-263AB
NSB8JTHE3_B/P (1)
1.77
P
50/tube
Tube
TO-263AB
NSB8JTHE3_B/I (1)
1.77
I
800/reel
Tape and reel



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com