Electronic Components Datasheet Search
  English  ▼

X  

3270121 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 3270121
Description  Marshalling panel - PTRV 4 /RD
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

3270121 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  3270121 Datasheet HTML 1Page - PHOENIX CONTACT 3270121 Datasheet HTML 2Page - PHOENIX CONTACT 3270121 Datasheet HTML 3Page - PHOENIX CONTACT 3270121 Datasheet HTML 4Page - PHOENIX CONTACT 3270121 Datasheet HTML 5Page - PHOENIX CONTACT 3270121 Datasheet HTML 6Page - PHOENIX CONTACT 3270121 Datasheet HTML 7Page - PHOENIX CONTACT 3270121 Datasheet HTML 8Page - PHOENIX CONTACT 3270121 Datasheet HTML 9Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 31 page
background image
Please be informed that the data shown in this PDF document is generated from our Online Catalog. Please find the complete data in the user
documentation. Our General Terms of Use for Downloads are valid.
Marshalling panel, nom. voltage: 250 V, nominal current: 10 A, connection method: Push-in
connection, 1st, 2nd, 3rd and 4th level, Rated cross section: 1.5 mm2, cross section: 0.14 mm2 -
 2.5 mm2, mounting: NS 35/7,5, NS 35/15, color: gray, color of connection elements: red
Your advantages
Individual color assignment of cable and terminal point to ensure error-free, safe operation
•
Tool-free wiring in a confined space thanks to compact size
•
High contact quality thanks to push-in technology as a replacement for Wire-Wrap®, TERMI-POINT®, etc.
•
The 2.3 mm test connection enables testing between the conductors with test pins commonly used in the industry
•
Marshalling panel - PTRV 4 /RD
3270121
https://www.phoenixcontact.com/us/products/3270121
May 17, 2022, 7:03 AM
Page 1 (31)


Similar Part No. - 3270121

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
3270120 PHOENIX-3270120 Datasheet
826Kb / 31P
Marshalling panel - PTRV 4 BU/RD
Jun 3, 2022
3270122 PHOENIX-3270122 Datasheet
826Kb / 32P
Marshalling panel - PTRV 4 /GN
Jun 16, 2022
3270123 PHOENIX-3270123 Datasheet
824Kb / 31P
Marshalling panel - PTRV 4 /YE
Jun 16, 2022
3270125 PHOENIX-3270125 Datasheet
832Kb / 33P
Potential distributors - PTRV 4-PV /BK
May 16, 2022
3270126 PHOENIX-3270126 Datasheet
833Kb / 33P
Potential distributors - PTRV 4-PV BU/BK
May 16, 2022
More results

Similar Description - 3270121

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
3270120 PHOENIX-3270120 Datasheet
826Kb / 31P
Marshalling panel - PTRV 4 BU/RD
Jun 3, 2022
3270231 PHOENIX-3270231 Datasheet
928Kb / 36P
Marshalling panel - PTRV 8 /RD
May 17, 2022
3001754 PHOENIX-3001754 Datasheet
672Kb / 24P
Marshalling panel - PTRV 4 /COL-RD
Jun 3, 2022
3001874 PHOENIX-3001874 Datasheet
671Kb / 24P
Marshalling panel - PTRV 4 /WH-COL
Jun 3, 2022
3270115 PHOENIX-3270115 Datasheet
831Kb / 33P
Marshalling panel - PTRV 4 /WH
May 16, 2022
3270117 PHOENIX-3270117 Datasheet
823Kb / 31P
Marshalling panel - PTRV 4 /GY
May 16, 2022
3270119 PHOENIX-3270119 Datasheet
829Kb / 32P
Marshalling panel - PTRV 4 BU/WH
Jun 2, 2022
3270122 PHOENIX-3270122 Datasheet
826Kb / 32P
Marshalling panel - PTRV 4 /GN
Jun 16, 2022
3270123 PHOENIX-3270123 Datasheet
824Kb / 31P
Marshalling panel - PTRV 4 /YE
Jun 16, 2022
3001872 PHOENIX-3001872 Datasheet
673Kb / 24P
Marshalling panel - PTRV 4 /RD-COL
Jun 24, 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com