Electronic Components Datasheet Search
  English  ▼

X  

RS3G Datasheet(PDF) 2 Page - Vishay Siliconix

Part # RS3G
Description  Surface-Mount Fast Switching Rectifier
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

RS3G Datasheet(HTML) 2 Page - Vishay Siliconix

  RS3G Datasheet HTML 1Page - Vishay Siliconix RS3G Datasheet HTML 2Page - Vishay Siliconix RS3G Datasheet HTML 3Page - Vishay Siliconix RS3G Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
RS3A, RS3B, RS3D, RS3G, RS3J, RS3K
www.vishay.com
Vishay General Semiconductor
Revision: 25-Feb-2020
2
Document Number: 88709
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Note
(1) Thermal resistance from junction to ambient and from junction to lead mounted on PCB with 0.3" x 0.3" (8.0 mm x 8.0 mm) copper pad area
Note
(1) AEC-Q101 qualified
RATINGS AND CHARACTERISTICS CURVES (TA = 25 °C unless otherwise noted)
Fig. 1 - Forward Current Derating Curve
Fig. 2 - Maximum Non-Repetitive Peak Forward Surge Current
ELECTRICAL CHARACTERISTICS (TA = 25 °C unless otherwise noted)
PARAMETER
TEST CONDITIONS
SYMBOL
RS3A
RS3B
RS3D
RS3G
RS3J
RS3K
UNIT
Maximum instantaneous
forward voltage
2.5 A
VF
1.3
V
Maximum DC reverse current at
rated DC blocking voltage
TA = 25 °C
IR
10
μA
TA = 125 °C
250
Maximum reverse recovery time
IF = 0.5 A, IR = 1.0 A,
Irr = 0.25 A
trr
150
250
500
ns
Typical junction capacitance
4.0 V, 1 MHz
CJ
44
34
pF
THERMAL CHARACTERISTICS (TA = 25 °C unless otherwise noted)
PARAMETER
SYMBOL
RS3A
RS3B
RS3D
RS3G
RS3J
RS3K
UNIT
Typical thermal resistance
RθJA
(1)
50
°C/W
RθJL
(1)
15
ORDERING INFORMATION (Example)
PREFERRED P/N
UNIT WEIGHT (g)
PREFERRED PACKAGE CODE
BASE QUANTITY
DELIVERY MODE
RS3J-E3/57T
0.211
57T
850
7" diameter plastic tape and reel
RS3J-E3/9AT
0.211
9AT
3500
13" diameter plastic tape and reel
RS3JHE3_A/H (1)
0.211
H
850
7" diameter plastic tape and reel
RS3JHE3_A/I (1)
0.211
I
3500
13" diameter plastic tape and reel
RS3J-M3/57T
0.211
57T
850
7" diameter plastic tape and reel
RS3J-M3/9AT
0.211
9AT
3500
13" diameter plastic tape and reel
RS3JHM3_A/H (1)
0.211
H
850
7" diameter plastic tape and reel
RS3JHM3_A/I (1)
0.211
I
3500
13" diameter plastic tape and reel
Lead Temperature (°C)
75
150
0
25
50
100
125
0
0.5
2.5
1.5
Resistive or Inductive Load
P.C.B. Mounted
0.3" x 0.3" (8.0 mm x 8.0 mm)
Copper Pad Areas
2.0
1.0
3.0
0
125
150
25
50
75
100
1
100
10
Number of Cycles at 60 Hz
T
L = 75 °C
8.3 ms Single Half Sine-Wave



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com