Electronic Components Datasheet Search
  English  ▼

X  

LM74502HDDFR Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # LM74502HDDFR
Description  LM74502, LM74502H Low IQ High Side Switch Controller with Reverse Polarity and Overvoltage Protection
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM74502HDDFR Datasheet(HTML) 13 Page - Texas Instruments

Back Button LM74502HDDFR Datasheet HTML 9Page - Texas Instruments LM74502HDDFR Datasheet HTML 10Page - Texas Instruments LM74502HDDFR Datasheet HTML 11Page - Texas Instruments LM74502HDDFR Datasheet HTML 12Page - Texas Instruments LM74502HDDFR Datasheet HTML 13Page - Texas Instruments LM74502HDDFR Datasheet HTML 14Page - Texas Instruments LM74502HDDFR Datasheet HTML 15Page - Texas Instruments LM74502HDDFR Datasheet HTML 16Page - Texas Instruments LM74502HDDFR Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 30 page
background image
8.3.5 Overvoltage Protection (OV)
LM74502 provides programmable overvoltage protection feature with OV pin. A resistor divider can be
connected from input source to OV pin to ground in order to set overvoltage threshold. An internal comparator
compares the input voltage against fixed reference (1.25 V) and disables the gate drive as soon as OV pin
voltage goes above the OV comparator reference. When the resistor divider is referred from input supply side,
device is configured for overvoltage cutoff functionality. When the resistor divider is referred from output side
(VOUT), the device is configured for overvoltage clamp functionality.
When OV pin voltage goes above OV comparator VOVR threshold (1.25-V typical), the device disables gate
drive, however, charge pump remains active. When OV pin voltage falls below VOVF threshold (1.14-V typical),
the gate is quickly turned on as charge pump is kept on and the device does not go through the device start-up
process. When OV pin is not used, it can be connected to ground.
8.4 Device Functional Modes
8.4.1 Shutdown Mode
The LM74502 enters shutdown mode when the EN/UVLO pin voltage is below the specified input low threshold
V(ENF). Both the gate driver and the charge pump are disabled in shutdown mode. During shutdown mode the
LM74502 enters low IQ operation with the VS pin only sinking 1 µA of current.
8.4.2 Conduction Mode
For the LM74502 to operate in conduction mode the gate driver must be enabled as described in the Gate Driver
(GATE, SRC) section. If these conditions are achieved the GATE pin is
• Internally driven through 60-μA current source in case of LM74502
• Internally connected to the VCAP for fast turn-on of external FET in case of LM74502H
LM74502, LM74502H gate drive is disabled when OV pin voltage is above VOVR threshold or EN/UVLO pin
voltage is lower than VEN/UVLOF threshold.
www.ti.com
LM74502, LM74502H
SNOSDE5A – DECEMBER 2021 – REVISED MAY 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
13
Product Folder Links: LM74502 LM74502H



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com