Electronic Components Datasheet Search
  English  ▼

X  

ATS-640081070 Datasheet(PDF) 2 Page - Molex Electronics Ltd.

Part # ATS-640081070
Description  Crimp Tool Kit for 150mm2 Compression Lugs
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX - Molex Electronics Ltd.

ATS-640081070 Datasheet(HTML) 2 Page - Molex Electronics Ltd.

  ATS-640081070 Datasheet HTML 1Page - Molex Electronics Ltd. ATS-640081070 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Crimp Tool Kit for 150mm2 Compression Lugs
Doc No: ATS-640081070
Release Date: 11-03-13
UNCONTROLLED COPY
Page 2 of 2
Revision: A
Revision Date: 11-03-13
1
Wire Size:150mm² (300 MCM)
Terminal No.
Terminal
Wire Strip Length (Minimum)
Eng No. (REF)
In
mm
19322-0030
BCLM-10-150-PL
1.38
35.0
19322-0063
BCLM-10-150-PLS
1.38
35.0
19322-0031
BCLM-12-150-PL
1.38
35.0
19322-0064
BCLM-12-150-PLS
1.38
35.0
19322-0032
BCLM-16-150-PL
1.38
35.0
19322-0065
BCLM-16-150-PLS
1.38
35.0
19322-0033
BCLM-20-150-PL
1.38
35.0
19322-0066
BCLM-20-150-PLS
1.38
35.0
CAUTION: Install only Molex terminals listed above with this kit. Do not crimp hardened objects as damage can
occur to the tool or die.
CAUTION: Molex specifications are valid only when used with Molex tooling.
PARTS LIST
Item Number
Order Number
Description
Quantity
64008-1070
Crimp Tooling Kit – 150mm² Un-insulated
REF
1
64008-1001
Hex Crimp Die (matched pair)
2
Visit our Web site at http://www.molex.com



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com