Electronic Components Datasheet Search
  English  ▼

X  

BA159DGP Datasheet(PDF) 1 Page - Vishay Siliconix

Part # BA159DGP
Description  Glass Passivated Junction Fast Switching Plastic Rectifier
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

BA159DGP Datasheet(HTML) 1 Page - Vishay Siliconix

  BA159DGP Datasheet HTML 1Page - Vishay Siliconix BA159DGP Datasheet HTML 2Page - Vishay Siliconix BA159DGP Datasheet HTML 3Page - Vishay Siliconix BA159DGP Datasheet HTML 4Page - Vishay Siliconix BA159DGP Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
BA157GP, BA158GP, BA159DGP, BA159GP
www.vishay.com
Vishay General Semiconductor
Not for New Designs
Revision: 26-Jan-2022
1
Document Number: 88537
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Glass Passivated Junction Fast Switching Plastic Rectifier
FEATURES
• Superectifier structure for high reliability condition
• Cavity-free glass-passivated junction
• Fast switching for high efficiency
• Low leakage current, typical IR less than 0.1 μA
• High forward surge capability
• Solder dip 275 °C max. 10 s, per JESD 22-B106
• Material categorization: for definitions of compliance
please see www.vishay.com/doc?99912
TYPICAL APPLICATIONS
For general purpose of medium frequency rectification.
MECHANICAL DATA
Case: DO-41 (DO-204AL), molded epoxy over glass body
Molding compound meets UL 94 V-0 flammability rating
Base P/N-E3 - RoHS-compliant, commercial grade
Terminals:
matte
tin
plated
leads,
solderable
per
J-STD-002 and JESD 22-B102
E3 suffix meets JESD 201 class 1A whisker test
Polarity: color band denotes cathode end
PRIMARY CHARACTERISTICS
IF(AV)
1.0 A
VRRM
400 V, 600 V, 800 V, 1000 V
IFSM
20 A
trr
150 ns, 250 ns, 500 ns
IR
5.0 μA
VF
1.3 V
TJ max.
175 °C
Package
DO-41 (DO-204AL)
Circuit configuration
Single
DO-41 (DO-204AL)
SUPERECTIFIER
®
MAXIMUM RATINGS (TA = 25 °C unless otherwise noted)
PARAMETER
SYMBOL
BA157GP
BA158GP
BA159DGP
BA159GP
UNIT
Maximum repetitive peak reverse voltage
VRRM
400
600
800
1000
V
Maximum RMS voltage
VRMS
280
420
560
700
V
Maximum DC blocking voltage
VDC
400
600
800
1000
V
Maximum average forward rectified current 0.375" (9.5 mm)
lead length at TA = 55 °C
IF(AV)
1.0
A
Peak forward surge current 10 ms single half sine-wave
superimposed on rated load
IFSM
20
A
Operating junction and storage temperature range
TJ, TSTG
-65 to +175
°C
ELECTRICAL CHARACTERISTICS (TA = 25 °C unless otherwise noted)
PARAMETER
TEST CONDITIONS
SYMBOL
BA157GP
BA158GP
BA159DGP
BA159GP
UNIT
Maximum instantaneous forward voltage
1.0 A
VF
1.3
V
Maximum DC reverse current
at rated DC blocking voltage
TA = 25 °C
IR
5.0
μA
Maximum reverse recovery time
IF = 0.5 A, IR = 1.0 A,
Irr = 0.25 A
trr
150
250
500
500
ns
Typical junction capacitance
4.0 V, 1 MHz
CJ
15
pF


Similar Part No. - BA159DGP

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BA159DGP VISHAY-BA159DGP Datasheet
76Kb / 4P
Glass Passivated Junction Fast Switching Rectifier
15-Mar-11
More results

Similar Description - BA159DGP

ManufacturerPart #DatasheetDescription
logo
General Semiconductor
1N4942GP GE-1N4942GP Datasheet
60Kb / 2P
GLASS PASSIVATED JUNCTION FAST SWITCHING PLASTIC RECTIFIER
RGP15A GE-RGP15A Datasheet
64Kb / 2P
GLASS PASSIVATED JUNCTION FAST SWITCHING PLASTIC RECTIFIER
logo
Shenzhen Taychipst Elec...
RMPG06A TAYCHIPST-RMPG06A Datasheet
4Mb / 2P
GLASS PASSIVATED JUNCTION FAST SWITCHING PLASTIC RECTIFIER
logo
Vishay Siliconix
1N4947GP-E354 VISHAY-1N4947GP-E354 Datasheet
72Kb / 4P
Glass Passivated Junction Fast Switching Plastic Rectifier
11-Dec-13
RGP15M-E3 VISHAY-RGP15M-E3 Datasheet
72Kb / 4P
Glass Passivated Junction Fast Switching Plastic Rectifier
11-Dec-13
1N4933GP VISHAY-1N4933GP_V01 Datasheet
81Kb / 5P
Glass Passivated Junction Fast Switching Plastic Rectifier
26-Jan-2022
1N4942GP VISHAY-1N4942GP_V01 Datasheet
79Kb / 5P
Glass Passivated Junction Fast Switching Plastic Rectifier
05-Oct-2021
RGP10A VISHAY-RGP10A_V01 Datasheet
81Kb / 5P
Glass Passivated Junction Fast Switching Plastic Rectifier
26-Jan-2022
RGP15A VISHAY-RGP15A_V01 Datasheet
75Kb / 5P
Glass Passivated Junction Fast Switching Plastic Rectifier
06-Oct-2021
RGP25A VISHAY-RGP25A_V01 Datasheet
74Kb / 5P
Glass Passivated Junction Fast Switching Plastic Rectifier
06-Oct-2021
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com