Electronic Components Datasheet Search
  English  ▼

X  

BAQ33 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # BAQ33
Description  Small Signal Switching Diodes, Low Leakage Current
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

BAQ33 Datasheet(HTML) 1 Page - Vishay Siliconix

  BAQ33 Datasheet HTML 1Page - Vishay Siliconix BAQ33 Datasheet HTML 2Page - Vishay Siliconix BAQ33 Datasheet HTML 3Page - Vishay Siliconix BAQ33 Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
BAQ33, BAQ34, BAQ35
www.vishay.com
Vishay Semiconductors
Rev. 1.9, 11-Jul-17
1
Document Number: 85537
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Small Signal Switching Diodes, Low Leakage Current
DESIGN SUPPORT TOOLS click logo to get started
MECHANICAL DATA
Case: MiniMELF (SOD-80)
Weight: approx. 31 mg
Cathode band color: black
Packaging codes / options:
GS18/10K per 13" reel (8 mm tape), 10K/box
GS18/10K per 13" reel (8 mm tape), 10K/box
FEATURES
• Silicon planar diodes
• Very low reverse current
• Material categorization:
for definitions of compliance please see
www.vishay.com/doc?99912
APPLICATIONS
• Protection circuits, time delay circuits, peak follower
circuits, logarithmic amplifiers
Available
Models
PARTS TABLE
PART
TYPE DIFFERENTIATION
ORDERING CODE
TYPE
MARKING
CIRCUIT CONFIGURATION
REMARKS
BAQ33
VRRM = 40 V
BAQ33-GS18 or BAQ33-GS08
-
Single
Tape and reel
BAQ34
VRRM = 70 V
BAQ34-GS18 or BAQ34-GS08
-
Single
Tape and reel
BAQ35
VRRM = 140 V
BAQ35-GS18 or BAQ35-GS08
-
Single
Tape and reel
ABSOLUTE MAXIMUM RATINGS (Tamb = 25 °C, unless otherwise specified)
PARAMETER
TEST CONDITION
PART
SYMBOL
VALUE
UNIT
Repetitive peak reverse voltage
BAQ33
VRRM
40
V
BAQ34
VRRM
70
V
BAQ35
VRRM
140
V
Reverse voltage
BAQ33
VR
30
V
BAQ34
VR
60
V
BAQ35
VR
125
V
Peak forward surge current
tp = 1 μs
IFSM
2A
Forward continuous current
IF
200
mA
THERMAL CHARACTERISTICS (Tamb = 25 °C, unless otherwise specified)
PARAMETER
TEST CONDITION
SYMBOL
VALUE
UNIT
Thermal resistance junction to ambient air
On PC board
50 mm x 50 mm x 1.6 mm
RthJA
500
K/W
Junction temperature
Tj
175
°C
Storage temperature range
Tstg
-65 to +175
°C


Similar Part No. - BAQ33

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BAQ33 VISHAY-BAQ33 Datasheet
48Kb / 3P
Silicon Planar Diodes
09-Dec-05
BAQ33 VISHAY-BAQ33 Datasheet
87Kb / 5P
Small Signal Switching Diodes, Low Leakage Current
09-Dec-05
BAQ33 VISHAY-BAQ33 Datasheet
59Kb / 4P
Small Signal Switching Diodes, Low Leakage Current
01-Sep-10
logo
SUNMATE electronic Co.,...
BAQ33 SUNMATE-BAQ33 Datasheet
604Kb / 2P
SMALL SIGNAL SWITCHING DIODES
logo
Vishay Siliconix
BAQ33-GS08 VISHAY-BAQ33-GS08 Datasheet
87Kb / 5P
Small Signal Switching Diodes, Low Leakage Current
09-Dec-05
More results

Similar Description - BAQ33

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BAQ33 VISHAY-BAQ33 Datasheet
87Kb / 5P
Small Signal Switching Diodes, Low Leakage Current
09-Dec-05
BAQ133 VISHAY-BAQ133_05 Datasheet
129Kb / 5P
Small Signal Switching Diodes, Low Leakage Current
09-Dec-05
BAQ33 VISHAY-BAQ33_12 Datasheet
59Kb / 4P
Small Signal Switching Diodes, Low Leakage Current
01-Sep-10
BAQ133 VISHAY-BAQ133_12 Datasheet
175Kb / 4P
Small Signal Switching Diodes, Low Leakage Current
20-Aug-10
BAQ33B VISHAY-BAQ33B Datasheet
77Kb / 4P
Small Signal Switching Diodes, Low Leakage Current
31-Jul-12
BAQ133 VISHAY-BAQ133 Datasheet
96Kb / 4P
Small Signal Switching Diodes, Low Leakage Current
31-Jul-12
BAQ333 VISHAY-BAQ333 Datasheet
80Kb / 4P
Small Signal Switching Diodes, Low Leakage Current
01-Aug-12
BAQ133 VISHAY-BAQ133_V01 Datasheet
100Kb / 4P
Small Signal Switching Diodes, Low Leakage Current
25-Feb-2020
BAQ333 VISHAY-BAQ333_V01 Datasheet
88Kb / 4P
Small Signal Switching Diodes, Low Leakage Current
11-Jul-17
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com