Electronic Components Datasheet Search
  English  ▼

X  

BAS16L Datasheet(PDF) 2 Page - Vishay Siliconix

Part # BAS16L
Description  Small Signal Fast Switching Diode
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

BAS16L Datasheet(HTML) 2 Page - Vishay Siliconix

  BAS16L Datasheet HTML 1Page - Vishay Siliconix BAS16L Datasheet HTML 2Page - Vishay Siliconix BAS16L Datasheet HTML 3Page - Vishay Siliconix BAS16L Datasheet HTML 4Page - Vishay Siliconix BAS16L Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
BAS16L
www.vishay.com
Vishay Semiconductors
Rev. 1.2, 03-Dec-2021
2
Document Number: 86187
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
TYPICAL CHARACTERISTICS (Tamb = 25 °C, unless otherwise specified)
Fig. 1 - Typical Capacitance vs. Reverse Voltage
Fig. 2 - Typical Forward Voltage vs. Forward Current
Fig. 3 - Typical Reverse Leakage Current vs. Reverse Voltage
ELECTRICAL CHARACTERISTICS (Tamb = 25 °C, unless otherwise specified)
PARAMETER
TEST CONDITION
SYMBOL
TYP.
MAX.
UNIT
Forward voltage
IF = 150 mA
VF
1.250
V
IF = 50 mA
1.0
V
IF = 10 mA
0.86
V
IF = 1 mA
0.715
V
Leakage current
VR = 80 V
IR
500
nA
VR = 80 V, TJ = 150 °C
IR
100
μA
VR = 100 V
IR
1μA
Diode capacitance
VR = 0 V, f = 1 MHz
CD
0.36
2
pF
Reverse recovery time
IF = 10 mA, IR = 10 mA, iR = 1 mA
trr
4ns
10
100
1000
10000
0
0.1
0.2
0.3
0.4
0.5
0
20406080
100
Axis Title
VR (V)
f = 1 MHz
10
100
1000
10000
0
0.5
1.0
1.5
0.001
0.01
0.1
1
10
100
1000
Axis Title
IF (mA)
TJ = 25 °C
TJ = 125 °C
TJ = 150 °C
TJ = -40 °C
10
100
1000
10000
0.01
0.1
1
10
100
1000
020
40
60
80
100
Axis Title
VR (V)
TJ = 150 °C
125 °C
25 °C



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com