Electronic Components Datasheet Search
  English  ▼

X  

BAS40L Datasheet(PDF) 1 Page - Vishay Siliconix

Part # BAS40L
Description  Small Signal Schottky Diode
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

BAS40L Datasheet(HTML) 1 Page - Vishay Siliconix

  BAS40L Datasheet HTML 1Page - Vishay Siliconix BAS40L Datasheet HTML 2Page - Vishay Siliconix BAS40L Datasheet HTML 3Page - Vishay Siliconix BAS40L Datasheet HTML 4Page - Vishay Siliconix BAS40L Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
BAS40L
www.vishay.com
Vishay Semiconductors
Rev. 1.3, 03-Dec-2021
1
Document Number: 86189
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Small Signal Schottky Diode
LINKS TO ADDITIONAL RESOURCES
MECHANICAL DATA
Case: DFN1006-2A
Weight: 0.83 mg
Molding compound flammability rating: UL 94 V-0
Terminals: high temperature soldering guaranteed:
Peak temperature max. 260 °C
Packaging codes/options:
08/10K per 7" reel (8 mm tape)
FEATURES
• This diode features very low turn-on voltage
and fast switching
• This device is protected by a PN junction guard
ring
against
excessive
voltage,
such
as
electrostatic discharges
• Leadless ultra small DFN1006-2A package
(1 mm × 0.6 mm × 0.45 mm)
• Power dissipation better than SOT-23
• Surface-mounted
device
(SMD)
plastic
package with visible and sidewall plated /
wettable flanks
• Soldering can be checked by standard visual
inspection. No X-ray inspection necessary to meet
automotive AOI requirements
• AEC-Q101 qualified available
• Material categorization: for definitions of compliance
please see www.vishay.com/doc?99912
2
1
333
DDD3 D
3D Models
Models
Application
Notes
Available
PARTS TABLE
PART
ORDERING CODE
AEC-Q101 QUALIFIED
CIRCUIT CONFIGURATION
TYPE MARKING
REMARKS
BAS40L
BAS40L-G3-08
no
Single
A.
Tape and reel
BAS40L-HG3-08
yes
ABSOLUTE MAXIMUM RATINGS (Tamb = 25 °C, unless otherwise specified)
PARAMETER
TEST CONDITION
SYMBOL
VALUE
UNIT
Reverse voltage
VR
40
V
Forward current
on FR-4 board with recommended soldering footprint
IF
200
mA
Non-repetitive peak forward current
Tj = 25 °C, tp = 10 ms
IFSM
500
mA
Tj = 100 °C, tp = 10 ms
200
Tj = 125 °C, tp = 20 μs
500
Power dissipation
on FR-4 board with recommended soldering footprint
Ptot
300
mW
RthJL = 100 K/W
1250
mW
THERMAL CHARACTERISTICS (Tamb = 25 °C, unless otherwise specified)
PARAMETER
TEST CONDITION
SYMBOL
VALUE
UNIT
Thermal resistance junction to ambient air
according to JEDEC® 51-3 on FR-4 board with
recommended soldering footprint
RthJA
420
K/W
Thermal resistance junction to lead
RthJL
100
K/W
Maximum junction temperature
Tj max.
150
°C
Storage temperature range
Tstg
-55 to +150
°C
Operating temperature range
Top
-55 to +150
°C


Similar Part No. - BAS40L

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BAS40L PHILIPS-BAS40L Datasheet
51Kb / 8P
Schottky barrier diode
2003 May 20
BAS40L PHILIPS-BAS40L Datasheet
136Kb / 21P
General-purpose Schottky diodes
Rev. 07-12 May 2006
BAS40L NXP-BAS40L Datasheet
227Kb / 21P
General-purpose Schottky diodes
Rev. 08-13 January 2010
BAS40L NXP-BAS40L Datasheet
227Kb / 21P
General-purpose Schottky diodes
Rev. 08-13 January 2010
logo
ON Semiconductor
BAS40L ONSEMI-BAS40L Datasheet
94Kb / 3P
Schottky Barrier Diodes
November, 2012 ??Rev. 10
More results

Similar Description - BAS40L

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
1N5711 STMICROELECTRONICS-1N5711 Datasheet
52Kb / 3P
SMALL SIGNAL SCHOTTKY DIODE
Aug-1999
BAT46 STMICROELECTRONICS-BAT46 Datasheet
35Kb / 4P
SMALL SIGNAL SCHOTTKY DIODE
Aug-1999
BAT54J STMICROELECTRONICS-BAT54J Datasheet
52Kb / 5P
SMALL SIGNAL SCHOTTKY DIODE
Jun-1999
BYV10-60 STMICROELECTRONICS-BYV10-60 Datasheet
82Kb / 4P
SMALL SIGNAL SCHOTTKY DIODE
Aug-1999
TMBYV10-60 STMICROELECTRONICS-TMBYV10-60 Datasheet
76Kb / 5P
SMALL SIGNAL SCHOTTKY DIODE
Aug-1999
TMMBAT46 STMICROELECTRONICS-TMMBAT46 Datasheet
56Kb / 4P
SMALL SIGNAL SCHOTTKY DIODE
Aug-1999
logo
Galaxy Semi-Conductor H...
BAT48 BILIN-BAT48 Datasheet
136Kb / 2P
SMALL SIGNAL SCHOTTKY DIODE
logo
Vishay Siliconix
BAS170WS-V VISHAY-BAS170WS-V Datasheet
126Kb / 4P
Small Signal Schottky Diode
02-Jul-07
logo
New Jersey Semi-Conduct...
BAR19 NJSEMI-BAR19 Datasheet
68Kb / 2P
SMALL SIGNAL SCHOTTKY DIODE
logo
STMicroelectronics
TMBAT49FILM STMICROELECTRONICS-TMBAT49FILM Datasheet
76Kb / 6P
Small signal Schottky diode
12-Nov-2010
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com