Electronic Components Datasheet Search
  English  ▼

X  

LM4927 Datasheet(PDF) 12 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM4927
Description  2.5 Watt Fully Differential Audio Power Amplifier With Shutdown
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4927 Datasheet(HTML) 12 Page - National Semiconductor (TI)

Back Button LM4927 Datasheet HTML 6Page - National Semiconductor (TI) LM4927 Datasheet HTML 7Page - National Semiconductor (TI) LM4927 Datasheet HTML 8Page - National Semiconductor (TI) LM4927 Datasheet HTML 9Page - National Semiconductor (TI) LM4927 Datasheet HTML 10Page - National Semiconductor (TI) LM4927 Datasheet HTML 11Page - National Semiconductor (TI) LM4927 Datasheet HTML 12Page - National Semiconductor (TI) LM4927 Datasheet HTML 13Page - National Semiconductor (TI) LM4927 Datasheet HTML 14Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 12 / 14 page
background image
Application Information (Continued)
Tolerance
R
i1
R
i2
V
02 -V01
I
LOAD
20%
0.8R
1.2R
-0.500V
62.5mA
10%
0.9R
1.1R
-0.250V
31.25mA
5%
0.95R
1.05R
-0.125V
15.63mA
1%
0.99R
1.01R
-0.025V
3.125mA
0%
R
R
0
0
Since the same variations can have a significant effect on
PSRR and CMRR performance, it is highly recommended
that the input resistors be matched to 1% tolerance or better
for best performance.
AUDIO POWER AMPLIFIER DESIGN
Design a 1W/8
Ω Audio Amplifier
Given:
Power Output
1Wrms
Load Impedance
8
Input Level
1Vrms
Input Impedance
20k
Bandwidth
100Hz–20kHz ± 0.25dB
A designer must first determine the minimum supply rail to
obtain the specified output power. The supply rail can easily
be found by extrapolating from the Output Power vs Supply
Voltage graphs in the Typical Performance Characteris-
tics section. A second way to determine the minimum supply
rail is to calculate the required V
OPEAK using Equation 7 and
add the dropout voltages. Using this method, the minimum
supply voltage is (Vopeak + (V
DO TOP +(VDO BOT )), where
V
DO BOT
and V
DO TOP are extrapolated from the Dropout
Voltage vs Supply Voltage curve in the Typical Perfor-
mance Characteristics section.
(7)
Using the Output Power vs Supply Voltage graph for an 8
load, the minimum supply rail just about 5V. Extra supply
voltage creates headroom that allows the LM4927 to repro-
duce peaks in excess of 1W without producing audible dis-
tortion. At this time, the designer must make sure that the
power supply choice along with the output impedance does
not violate the conditions explained in the Power Dissipa-
tion section. Once the power dissipation equations have
been addressed, the required differential gain can be deter-
mined from Equation 8.
(8)
R
f /Ri =AVD
From Equation 7, the minimum A
VD is 2.83. A ratio of Rf to Ri
of 2.83 gives R
i = 14k
Ω. The final design step is to address
the bandwidth requirement which must be stated as a single
-3dB frequency point. Five times away from a -3dB point is
0.17dB down from passband response which is better than
the required ±0.25dB specified.
f
H = 20kHz*5= 100kHz
The high frequency pole is determined by the product of the
desired frequency pole, f
H , and the differential gain, AVD .
With a A
VD = 2.83 and fH = 100kHz, the resulting GBWP =
150kHz which is much smaller than the LM4927 GBWP of
10MHz. This figure displays that if a designer has a need to
design an amplifier with a higher differential gain, the
LM4927 can still be used without running into bandwidth
limitations.
www.national.com
12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com