| Electronic Components Datasheet Search |
|
LMH1981 Datasheet(PDF) 10 Page - National Semiconductor (TI) |
|
|
|
|||||||||||||||||||||||||||||
LMH1981 Datasheet(HTML) 10 Page - National Semiconductor (TI) |
|
10 / 13 page ![]() Application Information (Continued) For tri-level sync, the horizontal sync leading edge is trig- gered from the positive zero-crossing reference of the tri- level sync input with a propagation delay. The horizontal sync output has excellent jitter performance on its leading, negative-going edge reference because it was optimized for video systems, which are almost always negative-edge triggered. When the horizontal sync signal is used in a positive-edge triggered system, like FPGA PLL, the horizontal sync signal must be inverted beforehand to pro- duce positive-going edges with low jitter. The horizontal sync trailing positive-going edge should never be used as the reference/triggered edge. This is because the horizontal sync trailing edges are reconstructed for the equalization and serration pulses during the vertical interval. The LMH1981 horizontal sync edge-to-edge jitter is mea- sured using the input-referred jitter test methodology on a real-time digital oscilloscope by triggering on the input sync reference edge and monitoring the horizontal sync leading edge reference with 4-sec. variable persistence. From there, the typical edge-to-edge jitter can be measured in the time domain. Vertical Sync Output The vertical sync output (pin 8) produces an active low vertical sync logic signal. For bi-level sync, the VSOUT leading negative-going edge is derived from the negative- going edge of the first vertical serration pulse with a propa- gation delay. For tri-level sync, the VSOUT leading edge is derived from the positive zero-crossing of the first vertical serration pulse with a propagation delay. The vertical sync output pulse width, T VSOUT, spans approximately three hori- zontal periods (3H). Burst/Back Porch Timing Output The burst/back porch timing output (pin 13) provides an active low logic signal, which is pulsed low for a fixed width during the back porch interval following the horizontal sync pulse. This timing pulse is useful for applications that require black level clamping or DC restoring a video signal. For composite video, the back porch leading negative-going edge is derived from the input sync trailing positive-going edge with a propagation delay, and the pulse width will span the entire color burst envelope. During the vertical interval, the back porch leading edge is aligned with the positive- going edge of the serration pulse with a propagation delay. For YP BPR with bi-level sync and RGsB, the back porch pulse behaves similar to the composite input case above, except the pulse width is shorter due to the absence of a color burst signal. For YP BPR with tri-level sync, the pulse is also derived from the input sync trailing negative-going edge with a propagation delay, and the pulse width is similar to the horizontal sync width. During the vertical interval, the back porch leading edge is aligned with the trailing edge of the serration pulse. Odd/Even Field Output The odd/even field output (pin 14) provides a special logic signal, which facilitates identification of odd and even fields of interlaced formats, i.e.: 480i and 1080i. For interlaced formats, the odd/even output is logic high during an odd field (field 1) and logic low during an even field (field 2). The odd/even output edge transitions align with the vertical sync leading edge to designate the start of odd and even fields. The output is held at logic high for progressive video formats. Video Format Output (Lines-per-Frame Data) The video format output counts the number of horizontal sync pulses per field and automatically doubles it (2 fields per frame) to approximate the total number of vertical scan lines per frame. This vertical line count data is output to VFOUT (pin 9) as 11-bit binary bit stream, clocked out on the 11 consecutive leading edges of horizontal sync after each vertical sync trailing edge. Because the line count is auto- matically doubled assuming 2 interlaced fields per frame, it must be divided by 2 to correct for progressive formats (1 field/frame). Refer to Figure 11 and Figure 12 to see the vertical format output timing for the 1080i interlaced format and Figure 13 for the 480p progressive format. Outside of these active 11-bits of data, VFOUT is held at logic low. A sample FPGA implementation to decode the lines-per- frame binary data and resolve the video format could be as follows. The signal from VFOUT could be fed into the serial input (SI) of a serial-to-parallel shift register in a FPGA. The horizontal sync signal may be used for the clock signal (CLK) and vertical sync for the enable (EN) and/or reset (CLR) signals. After the 11-bits are shifted into the register, the lines-per-frame data can be processed by the FPGA and the video format can be determined. This could be used to enable dynamic adjustment of various video system param- eters, such as color space or scaler conversions. www.national.com 10 |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |