Electronic Components Datasheet Search
  English  ▼

X  

LMH1981MT Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LMH1981MT
Description  Multi-Format Video Sync Separator
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMH1981MT Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LMH1981MT Datasheet HTML 1Page - National Semiconductor (TI) LMH1981MT Datasheet HTML 2Page - National Semiconductor (TI) LMH1981MT Datasheet HTML 3Page - National Semiconductor (TI) LMH1981MT Datasheet HTML 4Page - National Semiconductor (TI) LMH1981MT Datasheet HTML 5Page - National Semiconductor (TI) LMH1981MT Datasheet HTML 6Page - National Semiconductor (TI) LMH1981MT Datasheet HTML 7Page - National Semiconductor (TI) LMH1981MT Datasheet HTML 8Page - National Semiconductor (TI) LMH1981MT Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
LMH1981
Multi-Format Video Sync Separator
General Description
The LMH1981 is a high performance multi-format sync sepa-
rator ideal for use in a wide range of video applications, such
as broadcast and professional video equipment and HDTV/
DTV systems.
The input accepts standard analog video signals with either
bi-level or tri-level sync, and the outputs provide all of the
critical timing signals in CMOS logic, including composite,
horizontal, and vertical syncs, burst/back porch timing, odd/
even field, and video format outputs. The horizontal sync
output features very low jitter, minimizing external circuitry
needed to clean and reduce jitter in subsequent sync pro-
cessing stages.
The LMH1981 automatically detects the input video format,
eliminating the need for programming using a microcontroller
or external R
SET resistor. The sync separator applies precise
50% sync slicing to ensure accurate sync extraction for
inputs with irregular amplitude, offset, and noise conditions.
Its unique video format feature (pin 9) outputs the total
vertical scan lines per frame as an 11-bit binary serial bit
stream, which can be decoded by the video system to de-
termine the input video format and enable dynamic adjust-
ment of system parameters, i.e.: color space or scaler con-
versions. The LMH1981 is available in a 14-pin TSSOP
package and operates over the full commercial temperature
range.
Features
n
Standard analog video sync separation for NTSC, PAL,
SECAM, 480i/p, 576i/p, 720p, 1080i/p, and RGsB from
composite (CVBS), S-Video (Y/C), component (YP
BPR),
and computer video interfaces
n
Bi-level & tri-level sync compatible
n
Composite, horizontal, and vertical sync outputs
n
Burst/back porch timing, odd/even field, and video
format Outputs
n
Superior jitter performance on the H Sync
negative-going edge reference
n
Automatic video format detection
n
50% sync slicing of video inputs from 0.5 V
PP to2VPP
n
Macrovision compatible
n
3.3V to 5V supply operation
Applications
n
Broadcast and professional video equipment
n
HDTV/DTV systems
n
Genlock systems
n
Video capture & digitization
n
Set-top boxes (STB) & digital video recorders (DVR)
n
Video displays
Connection Diagram
Pin Descriptions
Pin No.
Pin Name
Pin Description
1R
EXT
Bias Current External Resistor
2, 5, 10
GND
Ground
3, 6, 11
V
CC
Supply Voltage
4V
IN
Video Input
7
HSOUT
Horizontal Sync Output
8
VSOUT
Vertical Sync Output
9
VFOUT
Video Format Output
12
CSOUT
Composite Sync Output
13
BPOUT
Burst/Back Porch Timing Output
14
OEOUT
Odd/Even Field Output
Ordering Information
Package
Part Number
Package Marking
Transport Media
NSC Drawing
14-Pin TSSOP
LMH1981MT
LMH1981MT
94 Units/Rail
MTC14
LMH1981MTX
2.5k Units Tape and Reel
14-Pin TSSOP
20174501
Top View
FIGURE 1. Pinout
PRELIMINARY
April 2006
© 2006 National Semiconductor Corporation
DS201745
www.national.com


Similar Part No. - LMH1981MT

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMH1981MT NSC-LMH1981MT Datasheet
1Mb / 16P
Multi-Format Video Sync Separator
logo
Texas Instruments
LMH1981MT/NOPB TI1-LMH1981MT/NOPB Datasheet
1Mb / 24P
Multi-Format Video Sync Separator
LMH1981MT/NOPB TI2-LMH1981MT/NOPB Datasheet
922Kb / 28P
LMH1981 Multi-Format Video Sync Separator
REVISED MARCH 2013
LMH1981MT/NOPB.A TI2-LMH1981MT/NOPB.A Datasheet
922Kb / 28P
LMH1981 Multi-Format Video Sync Separator
REVISED MARCH 2013
logo
National Semiconductor ...
LMH1981MTX NSC-LMH1981MTX Datasheet
1Mb / 16P
Multi-Format Video Sync Separator
More results

Similar Description - LMH1981MT

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM1881 NSC-LM1881 Datasheet
303Kb / 12P
LM1881 Video Sync Separator
LMH1980 NSC-LMH1980 Datasheet
746Kb / 14P
Auto-Detecting SD/HD/PC Video Sync Separator
LM1881 NSC-LM1881_06 Datasheet
687Kb / 12P
Video Sync Separator
LMH1981 NSC-LMH1981_07 Datasheet
1Mb / 16P
Multi-Format Video Sync Separator
logo
Intersil Corporation
ISL59450 INTERSIL-ISL59450 Datasheet
2Mb / 37P
Multiformat Video Crosspoint with Integrated Sync Separator
February 14, 2008
EL4511 INTERSIL-EL4511_10 Datasheet
645Kb / 24P
Super Sync Separator
November 12, 2010
logo
Asahi Kasei Microsystem...
AK8854VQ AKM-AK8854VQ Datasheet
1Mb / 95P
Multi-Format Digital Video Decoder
logo
Texas Instruments
LM1881MX TI1-LM1881MX Datasheet
1Mb / 18P
Video Sync Separator
LMH1981 TI1-LMH1981 Datasheet
1Mb / 24P
Multi-Format Video Sync Separator
logo
Renesas Technology Corp
ISL59450 RENESAS-ISL59450 Datasheet
2Mb / 37P
Multiformat Video Crosspoint with Integrated Sync Separator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com