Electronic Components Datasheet Search
  English  ▼

X  

LPC2101 Datasheet(PDF) 22 Page - NXP Semiconductors

Part # LPC2101
Description  Single-chip 16-bit/32-bit microcontrollers; 8 kB/16 kB/32 kB flash with ISP/IAP, fast ports and 10-bit ADC
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

LPC2101 Datasheet(HTML) 22 Page - NXP Semiconductors

Back Button LPC2101 Datasheet HTML 18Page - NXP Semiconductors LPC2101 Datasheet HTML 19Page - NXP Semiconductors LPC2101 Datasheet HTML 20Page - NXP Semiconductors LPC2101 Datasheet HTML 21Page - NXP Semiconductors LPC2101 Datasheet HTML 22Page - NXP Semiconductors LPC2101 Datasheet HTML 23Page - NXP Semiconductors LPC2101 Datasheet HTML 24Page - NXP Semiconductors LPC2101 Datasheet HTML 25Page - NXP Semiconductors LPC2101 Datasheet HTML 26Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 32 page
background image
LPC2101_02_03_1
© Koninklijke Philips Electronics N.V. 2006. All rights reserved.
Preliminary data sheet
Rev. 01 — 18 January 2006
22 of 32
Philips Semiconductors
LPC2101/2102/2103
Single-chip 16-bit/32-bit microcontrollers
8.
Static characteristics
Table 5:
Static characteristics
Ta = −40 °C to +85 °C for commercial applications, unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ [1]
Max
Unit
VDD(1V8)
supply voltage (1.8 V)
[2] 1.65
1.8
1.95
V
VDD(3V3)
supply voltage (3.3 V)
[3] 3.0
3.3
3.6
V
VDDA
analog 3.3 V pad supply
voltage
3.0
3.3
3.6
V
Vi(VBAT)
input voltage on pin VBAT
2.0 [4]
3.3
3.6
V
Standard port pins, RESET, RTCK
IIL
LOW-state input current
VI = 0 V; no pull-up
-
-
3
µA
IIH
HIGH-state input current
VI =VDD(3V3); no pull-down
-
-
3
µA
IOZ
OFF-state output current
VO =0V, VO =VDD(3V3); no
pull-up/down
--3
µA
Ilatch
I/O latch-up current
−(0.5VDD(3V3)) < V <
(1.5VDD(3V3))
Tj < 125 °C
-
-
100
mA
VI
input voltage
pin configured to provide a
digital function
[5] [6]
[7]
0
-
5.5
V
VO
output voltage
output active
0
-
VDD(3V3)
V
VIH
HIGH-state input voltage
2.0
-
-
V
VIL
LOW-state input voltage
-
-
0.8
V
Vhys
hysteresis voltage
-
0.4
-
V
VOH
HIGH-state output voltage
IOH = −4mA
[8] VDD(3V3) −
0.4
--V
VOL
LOW-state output voltage
IOL = −4mA
[8] -
-
0.4
V
IOH
HIGH-state output current
VOH =VDD(3V3) − 0.4 V
[8]
−4
--mA
IOL
LOW-state output current
VOL = 0.4 V
[8] 4
--mA
IOHS
HIGH-state short-circuit
output current
VOH =0V
[9] --
−45
mA
IOLS
LOW-state short-circuit
output current
VOL =VDDA
[9] --50
mA
Ipd
pull-down current
VI =5V [10]
10
50
150
µA
Ipu
pull-up current
VI =0V
[11]
−15
−50
−85
µA
VDD(3V3) <VI <5V [10]
000
µA
IDD(act)
active mode supply
current
VDD(1V8) = 1.8 V, Ta =25 °C,
code
while(1){}
executed from flash, no active
peripherals
CCLK = 10 MHz
<tbd>
7
<tbd>
mA
CCLK = 70 MHz
(other parameters as above)
<tbd>
41
<tbd>
mA
IDD(pd)
Power-down mode supply
current
VDD(1V8) = 1.8 V, Ta = +25 °C
<tbd>
7
<tbd>
µA
VDD(1V8) = 1.8 V, Ta = +85 °C
<tbd>
<tbd>
<tbd>
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com