Electronic Components Datasheet Search
  English  ▼

X  

VC5GUN Datasheet(PDF) 1 Page - Schneider Electric

Part # VC5GUN
Description  TeSys Vario enclosed, emergency switch disconnector, 100A, UL/CSA, long handle
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric

VC5GUN Datasheet(HTML) 1 Page - Schneider Electric

  VC5GUN Datasheet HTML 1Page - Schneider Electric VC5GUN Datasheet HTML 2Page - Schneider Electric VC5GUN Datasheet HTML 3Page - Schneider Electric  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Product data sheet
Specifications
TeSys Vario enclosed, emergency
switch disconnector, 100A, UL/CSA,
long handle
VC5GUN
Product availability : Stock - Normally stocked in distribution
facility
Price* : 548.00 USD
Main
Range
TeSys
Product name
TeSys VARIO
Device short name
VC-GUN
Product or Component Type
Enclosed emergency stop switch disconnector
Performance level
High performance
Poles description
3P
Control Type
Rotary handle
Handle colour
Red
Handle front plate colour
Yellow
Rotary handle padlocking
1 to 3 padlocks 0.16…0.31 in (4…8 mm)
Complementary
Marking
0 - 1
[Ue] rated operational voltage
690 V AC 50/60 Hz
[Uimp] rated impulse withstand
voltage
8 kV
[Ithe] conventional enclosed
thermal current
100 A
[Ie] rated operational current
68.5 A AC-23A)400 V
Rated operational power in W
37 kW 400 V AC-23)
30 kW 400 V AC-3)
Intermittent duty class
30
Making capacity ( I rms)
1250 A 400 V AC-21A
1250 A 400 V AC-22A
1250 A 400 V AC-23A
[Icm] rated short-circuit making
capacity
2.8 kA 400 V at Ipeak
[Ith] conventional free air
thermal current
100.0 A IEC 690 V
100 A UL 600 V
Rated power in hp
25 hp 240 V, UL
50 hp 480 V, UL
50 hp 600 V, UL
*  Price is “List Price” and may be subject to a trade discount – check with your local distributor or retailer for actual price.
Jun 13, 2022
1


Similar Part No. - VC5GUN

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
VC5GUN SCHNEIDER-VC5GUN Datasheet
130Kb / 3P
TeSys Vario enclosed, emergency switch disconnector, 100A, UL/CSA, long handle
Jul 12, 2021
More results

Similar Description - VC5GUN

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
VC6GUN SCHNEIDER-VC6GUN Datasheet
130Kb / 3P
TeSys Vario enclosed, emergency switch disconnector, 115A, UL/CSA, long handle
Jul 12, 2021
VC5GUN SCHNEIDER-VC5GUN Datasheet
130Kb / 3P
TeSys Vario enclosed, emergency switch disconnector, 100A, UL/CSA, long handle
Jul 12, 2021
VC4GUN SCHNEIDER-VC4GUN Datasheet
141Kb / 3P
TeSys Vario enclosed, emergency switch disconnector, 63A, UL/CSA
Jul 12, 2021
VC3GUN SCHNEIDER-VC3GUN Datasheet
66Kb / 3P
TeSys Vario enclosed, emergency switch disconnector, 45A, UL/CSA
Jul 12, 2021
VC2GUN SCHNEIDER-VC2GUN Datasheet
146Kb / 3P
TeSys Vario enclosed, emergency switch disconnector, 25A, UL/CSA
Jul 12, 2021
VC1GUN SCHNEIDER-VC1GUN Datasheet
146Kb / 3P
TeSys Vario enclosed, emergency switch disconnector, 20A, UL/CSA
Jul 12, 2021
VC1GUN SCHNEIDER-VC1GUN_V01 Datasheet
159Kb / 3P
TeSys Vario enclosed, emergency switch disconnector, 20A, UL/CSA
Jun 13, 2022
VC2GUN SCHNEIDER-VC2GUN_V01 Datasheet
159Kb / 3P
TeSys Vario enclosed, emergency switch disconnector, 25A, UL/CSA
Jun 13, 2022
VC4GUN SCHNEIDER-VC4GUN_V01 Datasheet
157Kb / 3P
TeSys Vario enclosed, emergency switch disconnector, 63A, UL/CSA
Jun 12, 2022
VC6GUN SCHNEIDER-VC6GUN_V01 Datasheet
143Kb / 3P
TeSys Vario enclosed, emergency switch disconnector, 115A, UL/CSA, long handle
Jun 13, 2022
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com