Electronic Components Datasheet Search
  English  ▼

X  

BCC070Z Datasheet(PDF) 1 Page - Balluff Korea Ltd.

Part # BCC070Z
Description  Single-Ended Cordsets
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BALLUFF [Balluff Korea Ltd.]
Direct Link  https://www.balluff.com/en/kr/home/
Logo BALLUFF - Balluff Korea Ltd.

BCC070Z Datasheet(HTML) 1 Page - Balluff Korea Ltd.

  BCC070Z Datasheet HTML 1Page - Balluff Korea Ltd. BCC070Z Datasheet HTML 2Page - Balluff Korea Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Single-Ended Cordsets
BCC M415-0000-1B-031-PS72N1-050
Order Code: BCC070Z
Internet
www.balluff.com
eCl@ss 9.1: 27-06-03-11
Subject to change without notice: 181216
ETIM 6.0: EC001855
BCC070Z_0.57_2022-01-17
1 / 2
Basic features
Application
Profibus
Approval/Conformity
CE
cULus
EAC
WEEE
Electrical connection
Bending radius min., fixed cable
7.5 x D
Bending radius min., flexible cable
10 x D
Cable
PUR Shielded violet, 5 m, drag
chain compatible
Cable diameter D
7.80 mm ±0.20 mm
Cable, bending cycles min.
5 mil.
Conductor cross-section
24 AWG
Connection
M12x1-Female, Straight, 5-pin, B-
coded
Connector configuration
Straight
Number of conductors
2
Number of pins
5
System
Molded
Electrical data
Isolation resistance
≥ 1 GOhm x km
Operating voltage Ub
60 VDC / 60 VAC
Rated current (40 °C)
4.0 A
Surge impedance
150 Ohm ±15 Ohm
Environmental conditions
Cable temperature, drag chain
-20...50 °C
Cable temperature, fixed routing
-40...70 °C
Cable temperature, flexible routing
-20...60 °C
IP rating
IP67
Material
Cable jacket material, note
Shielded
Cable jacket, material
PUR
Cable shield
Aluminum foil and copper braid
Material contact carrier
PUR
Material contacts
Bronze
Material cover nut
Brass
nickel-plated
Material grip
PUR
Mechanical data
Acceleration max., drag chain
10 m/s²
Cable jacket, color
violet
Cable length L
5.00 m
Cable properties
drag chain compatible
Horizontal travel permitted, drag
chain
5 m
Tightening torque pigtail
0.6 Nm
Traverse speed max., drag chain
330 m/min


Similar Part No. - BCC070Z

ManufacturerPart #DatasheetDescription
logo
Balluff Korea Ltd.
BCC0706 BALLUFF-BCC0706 Datasheet
114Kb / 1P
Field-Attachable Connectors
2022-07-16
BCC0707 BALLUFF-BCC0707 Datasheet
114Kb / 1P
Field-Attachable Connectors
2022-07-16
BCC0708 BALLUFF-BCC0708 Datasheet
115Kb / 1P
Field-Attachable Connectors
2022-07-16
BCC0709 BALLUFF-BCC0709 Datasheet
108Kb / 1P
Field-Attachable Connectors
2022-07-15
BCC070A BALLUFF-BCC070A Datasheet
108Kb / 1P
Field-Attachable Connectors
2022-08-01
More results

Similar Description - BCC070Z

ManufacturerPart #DatasheetDescription
logo
Balluff Korea Ltd.
BCC02M6 BALLUFF-BCC02M6 Datasheet
103Kb / 2P
Single-Ended Cordsets
0.64_2022-04-14
BCC053U BALLUFF-BCC053U Datasheet
122Kb / 2P
Single-Ended Cordsets
0.79_2022-04-14
BCC06HN BALLUFF-BCC06HN Datasheet
107Kb / 2P
Single-Ended Cordsets
0.65_2022-04-13
BCC0727 BALLUFF-BCC0727 Datasheet
107Kb / 2P
Single-Ended Cordsets
1_2018-12-17
BCC09CP BALLUFF-BCC09CP Datasheet
163Kb / 2P
Single-Ended Cordsets
0.63_2022-04-14
BCC02N5 BALLUFF-BCC02N5 Datasheet
98Kb / 2P
Single-Ended Cordsets
0.73_2022-01-17
BCC02NA BALLUFF-BCC02NA Datasheet
105Kb / 2P
Single-Ended Cordsets
0.34_2022-01-18
BCC02NK BALLUFF-BCC02NK Datasheet
99Kb / 2P
Single-Ended Cordsets
0.75_2022-01-17
BCC02NW BALLUFF-BCC02NW Datasheet
122Kb / 2P
Single-Ended Cordsets
1_2021-10-12
BCC032W BALLUFF-BCC032W Datasheet
107Kb / 2P
Single-Ended Cordsets
0.64_2022-04-14
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com