Electronic Components Datasheet Search
  English  ▼

X  

BAT54C Datasheet(PDF) 2 Page - Vishay Siliconix

Part # BAT54C
Description  Small Signal Schottky Diodes, Single and Dual
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

BAT54C Datasheet(HTML) 2 Page - Vishay Siliconix

  BAT54C Datasheet HTML 1Page - Vishay Siliconix BAT54C Datasheet HTML 2Page - Vishay Siliconix BAT54C Datasheet HTML 3Page - Vishay Siliconix BAT54C Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
BAT54, BAT54A, BAT54C, BAT54S
www.vishay.com
Vishay Semiconductors
Rev. 2.0, 02-Jun-17
2
Document Number: 85508
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
LAYOUT FOR RthJA TEST
Thickness:
Fiberglas 15 mm (0.059")
Copper leads 0.3 mm (0.012")
TYPICAL CHARACTERISTICS (Tamb = 25 °C, unless otherwise specified)
Fig. 1 - Typical Forward Voltage Forward Current vs.
Various Temperatures
Fig. 2 - Diode Capacitance vs. Reverse Voltage VR
ELECTRICAL CHARACTERISTICS (Tamb = 25 °C, unless otherwise specified)
PARAMETER
TEST CONDITION
SYMBOL
MIN.
TYP.
MAX.
UNIT
Reserve breakdown voltage
IR = 100 μA (pulsed)
V(BR)
30
V
Leakage current
Pulsed test tp < 300 μs,
δ <2 % at VR = 25 V
IR
2μA
Forward voltage
IF = 0.1 mA, tp < 300 μs,
δ < 2 %
VF
240
mV
IF = 1 mA, tp < 300 μs,
δ < 2 %
VF
320
mV
IF = 10 mA, tp < 300 μs,
δ < 2 %
VF
400
mV
IF = 30 mA, tp < 300 μs,
δ < 2 %
VF
500
mV
IF = 100 mA, tp < 300 μs,
δ < 2 %
VF
800
mV
Diode capacitance
VR = 1 V, f = 1 MHz
CD
10
pF
Reserve recovery time
IF = 10 mA to IR = 10 mA,
iR = 1 mA, RL = 100
Ω
trr
5ns
17451
15 (0.59)
12 (0.47)
0.8 (0.03)
5 (0.2)
7.5 (0.3)
3 (0.12)
1 (0.4)
1 (0.4)
2 (0.8)
2 (0.8)
1.5 (0.06)
5.1 (0.2)
18867
1000
100
10
1
0.1
0.01
0
0.4
0.6
1.2
1.4
0.8
1
0.2
VF - Forward Voltage (V)
= 125 °C
Tj
25 °C
- 40 °C
18868
10
14
12
2
4
0
0
4
12
16
20
24
28
VR - Reverse Voltage (V)
6
8
8



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com