Electronic Components Datasheet Search
  English  ▼

X  

HT11-012 Datasheet(PDF) 2 Page - Applied Motion Products, Inc.

Part # HT11-012
Description  Recommended Motors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMP [Applied Motion Products, Inc.]
Direct Link  https://www.applied-motion.com/
Logo AMP - Applied Motion Products, Inc.

HT11-012 Datasheet(HTML) 2 Page - Applied Motion Products, Inc.

  HT11-012 Datasheet HTML 1Page - Applied Motion Products, Inc. HT11-012 Datasheet HTML 2Page - Applied Motion Products, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2
Recommended Motors
Recommended Motors
WINDING
PART NO.
SIZE
CONNECTION
CURRENT
TORQUE
HT11-012
1.10 sq x 1.32
series
1.0 A
7 oz-in
HT11-013
1.10 sq x 1.87
series
1.0 A
15 oz-in
5014-842
1.38 sq x 1.57
series
1.0 A
26 oz-in
HT17-068
1.65 sq x 1.30
parallel
1.2 A
22 oz-in
HT17-072
1.65 sq x 1.54
parallel
1.1 A
36 oz-in
HT17-076
1.65 sq x 1.85
parallel
1.1 A
44 oz-in
HT23-393
2.22 sq x 1.54
parallel
1.2 A
54 oz-in
HT23-396
2.22 sq x 2.13
parallel
1.2 A
125 oz-in
HT23-399
2.22 sq x 2.99
parallel
1.2 A
187 oz-in
Torque Curves
Torque Curves
Speed vs Torque (2000 steps/rev)
5014-842
HT11-012
HT11-013
rev/sec
0
5
10
15
20
25
30
35
40
0
5
10
15
20
Speed vs Torque (2000 steps/rev)
HT17-076
HT17-072
HT17-068
rev/sec
0
5
10
15
20
25
30
35
40
0
10
20
30
40
50
60
Speed vs Torque (2000 steps/rev)
HT23-399
HT23-396
HT23-393
rev/sec
0
5
10
15
20
25
30
35
40
0
50
100
150
200
Speed vs Torque (2000 steps/rev)
5014-842
HT11-012
HT11-013
rev/sec
0
5
10
15
20
25
30
35
40
0
5
10
15
20
Speed vs Torque (2000 steps/rev)
HT17-076
HT17-072
HT17-068
rev/sec
0
5
10
15
20
25
30
35
40
0
10
20
30
40
50
60
Speed vs Torque (2000 steps/rev)
HT23-399
HT23-396
HT23-393
rev/sec
0
5
10
15
20
25
30
35
40
0
50
100
150
200
24 Volt Power Supply
40 Volt Power Supply



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com