Electronic Components Datasheet Search
  English  ▼

X  

BY268 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # BY268
Description  Fast Avalanche Sinterglass Diode
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

BY268 Datasheet(HTML) 1 Page - Vishay Siliconix

  BY268 Datasheet HTML 1Page - Vishay Siliconix BY268 Datasheet HTML 2Page - Vishay Siliconix BY268 Datasheet HTML 3Page - Vishay Siliconix BY268 Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
BY268, BY269
www.vishay.com
Vishay Semiconductors
Rev. 1.8, 20-Feb-18
1
Document Number: 86005
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Fast Avalanche Sinterglass Diode
DESIGN SUPPORT TOOLS
MECHANICAL DATA
Case: SOD-57
Terminals: plated axial leads, solderable per MIL-STD-750,
method 2026
Polarity: color band denotes cathode end
Mounting position: any
Weight: approx. 369 mg
FEATURES
• Glass passivated junction
• Hermetically sealed package
• Material categorization:
for definitions of compliance please see
www.vishay.com/doc?99912
APPLICATIONS
• High voltage fast rectification diode
949539
click logo to get started
Available
Models
ORDERING INFORMATION (Example)
DEVICE NAME
ORDERING CODE
TAPED UNITS
MINIMUM ORDER QUANTITY
BY269
BY269TR
5000 per 10" tape and reel
25 000
BY269
BY269TAP
5000 per ammopack
25 000
PARTS TABLE
PART
TYPE DIFFERENTIATION
PACKAGE
BY268
VR = 1400 V; IF(AV) = 0.8 A
SOD-57
BY269
VR = 1600 V; IF(AV) = 0.8 A
SOD-57
ABSOLUTE MAXIMUM RATINGS (Tamb = 25 °C, unless otherwise specified)
PARAMETER
TEST CONDITION
PART
SYMBOL
VALUE
UNIT
Reverse voltage
See electrical characteristics
BY268
VR
1400
V
BY269
VR
1600
V
Peak reverse voltage, non repetitive
BY268
VRSM
1600
V
BY269
VRSM
1800
V
Peak forward surge current
tp = 10 ms, half sine wave
IFSM
20
A
Average forward current
IF(AV)
0.8
A
Non repetitive reverse avalanche energy
I(BR)R = 0.4 A
ER
10
mJ
Junction and storage temperature range
Tj = Tstg
-55 to +175
°C
MAXIMUM THERMAL RESISTANCE (Tamb = 25 °C, unless otherwise specified)
PARAMETER
TEST CONDITION
SYMBOL
VALUE
UNIT
Junction ambient
Lead length l = 10 mm, TL = constant
RthJA
45
K/W
On PC board with spacing 25 mm
RthJA
100
K/W


Similar Part No. - BY268

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BY268 VISHAY-BY268 Datasheet
37Kb / 3P
Silicon Mesa Rectifiers
24-Jun-98
logo
Diodes Incorporated
BY268 DIODES-BY268 Datasheet
75Kb / 2P
0.8A FAST RECOVERY HIGH VOLTAGE GLASS BODY RECTIFIER
DS30035 Rev. A
logo
Vishay Siliconix
BY268 VISHAY-BY268 Datasheet
130Kb / 5P
Fast Avalanche Sinterglass Diode
13-Apr-05
logo
Gulf Semiconductor
BY268 GULFSEMI-BY268 Datasheet
133Kb / 2P
SINTERED GLASS JUNCTION FAST AVALANCHE RECTIFIER VOLTAGE:1400 CURRENT: 0.8A
logo
Vishay Siliconix
BY268 VISHAY-BY268 Datasheet
119Kb / 4P
Fast Avalanche Sinterglass Diode
25-Aug-10
More results

Similar Description - BY268

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BYM36 VISHAY-BYM36 Datasheet
149Kb / 5P
Fast Avalanche Sinterglass Diode
12-Aug-04
BYM36A VISHAY-BYM36A Datasheet
107Kb / 5P
Fast Avalanche Sinterglass Diode
25-Aug-10
BYV37 VISHAY-BYV37_10 Datasheet
378Kb / 4P
Fast Avalanche Sinterglass Diode
31-Mar-10
BYW72 VISHAY-BYW72_10 Datasheet
106Kb / 4P
Fast Avalanche Sinterglass Diode
25-Aug-10
BY203-20STAP VISHAY-BY203-20STAP Datasheet
123Kb / 4P
Fast Avalanche Sinterglass Diode
12-Sep-12
BYV38-TAP VISHAY-BYV38-TAP Datasheet
123Kb / 4P
Fast Avalanche Sinterglass Diode
04-Sep-12
BYV16-TAP VISHAY-BYV16-TAP Datasheet
130Kb / 5P
Fast Avalanche Sinterglass Diode
04-Sep-12
BY203-20S-TR VISHAY-BY203-20S-TR Datasheet
128Kb / 4P
Fast Avalanche Sinterglass Diode
12-Sep-12
logo
New Jersey Semi-Conduct...
BY268 NJSEMI-BY268 Datasheet
128Kb / 2P
Fast Avalanche Sinterglass Diode
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com