Electronic Components Datasheet Search
  English  ▼

X  

HT11-012 Datasheet(PDF) 2 Page - Applied Motion Products, Inc.

Part # HT11-012
Description  2035 Step Motor Drive Full & Half Stepping 2.0 amps, 35 VDC
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMP [Applied Motion Products, Inc.]
Direct Link  https://www.applied-motion.com/
Logo AMP - Applied Motion Products, Inc.

HT11-012 Datasheet(HTML) 2 Page - Applied Motion Products, Inc.

  HT11-012 Datasheet HTML 1Page - Applied Motion Products, Inc. HT11-012 Datasheet HTML 2Page - Applied Motion Products, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
404 Westridge Dr. • Watsonville, CA 95076
831/761-6555 • 800/525-1609 • FAX 831/761-6544
www.appliedmotionproducts.com
77
STEPPER
DRIVES
2035 Torque Curves
HT17-075 MOTOR
Motor Connection: Parallel
Drive Setting: Full Resolution • 1.75 A/Phase
Dynamic
Torque
(oz-in)
rev/sec
05
10
15
20
25
30
35
40
0
10
20
30
40
50
60
35 V
24 V
HT23-394 MOTOR
Motor Connection: Parallel
Drive Setting: Full Resolution • 2.0 A/Phase
Dynamic
Torque
(oz-in)
rev/sec
05
10
15
20
25
30
35
40
0
8
16
24
32
40
35 V
24 V
HT23-397 MOTOR
Motor Connection: Parallel
Drive Setting: Full Resolution • 2.0 A/Phase
Dynamic
Torque
(oz-in)
rev/sec
05
10
15
20
25
30
35
40
0
20
40
60
80
100
120
35 V
24 V
HT23-400 MOTOR
Motor Connection: Parallel
Drive Setting: Full Resolution • 2.0 A/Phase
Dynamic
Torque
(oz-in)
rev/sec
05
10
15
20
25
30
35
40
0
50
100
150
200
35 V
24 V
HT11-012 MOTOR
Motor Connection: 4 Lead Bipolar
Drive Setting: Full Resolution • 1.0 A/Phase
Dynamic
Torque
(oz-in)
rev/sec
05
10
15
20
25
30
35
40
0
5
10
35 V
HT11-013 MOTOR
Motor Connection: 4 Lead Bipolar
Drive Setting: Full Resolution • 1.0 A/Phase
Dynamic
Torque
(oz-in)
rev/sec
05
10
15
20
25
30
35
40
0
5
10
15
35 V
5014-842 MOTOR
Motor Connection: Parallel
Drive Setting: Full Resolution • 1.0 A/Phase
Dynamic
Torque
(oz-in)
rev/sec
05
10
15
20
25
30
35
40
0
5
10
15
20
25
35 V
24 V
HT17-068 MOTOR
Motor Connection: Parallel
Drive Setting: Full Resolution • 1.375 A/Phase
Dynamic
Torque
(oz-in)
rev/sec
05
10
15
20
25
30
35
40
0
5
10
15
20
25
30
35
35 V
24 V
HT17-071 MOTOR
Motor Connection: Parallel
Drive Setting: Full Resolution • 1.625 A/Phase
Dynamic
Torque
(oz-in)
rev/sec
05
10
15
20
25
30
35
40
0
10
20
30
40
35 V
24 V



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com