Electronic Components Datasheet Search
  English  ▼

X  

BY448GP Datasheet(PDF) 3 Page - Vishay Siliconix

Part # BY448GP
Description  Miniature Clamper / Damper Glass Passivated Rectifier
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

BY448GP Datasheet(HTML) 3 Page - Vishay Siliconix

  BY448GP_V01 Datasheet HTML 1Page - Vishay Siliconix BY448GP_V01 Datasheet HTML 2Page - Vishay Siliconix BY448GP_V01 Datasheet HTML 3Page - Vishay Siliconix BY448GP_V01 Datasheet HTML 4Page - Vishay Siliconix BY448GP_V01 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
BY448GP
www.vishay.com
Vishay General Semiconductor
Not for New Designs
Revision: 05-Oct-2021
3
Document Number: 88543
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
RATINGS AND CHARACTERISTICS CURVES (TA = 25 °C unless otherwise noted)
Fig. 1 - Forward Current Derating Curve
Fig. 2 - Maximum Non-Repetitive Peak Forward Surge Current
Fig. 3 - Typical Instantaneous Forward Characteristics
Fig. 4 - Typical Reverse Characteristics
Fig. 5 - Typical Junction Capacitance
25
50
75
100
125
150
175
0
0.25
0.50
0.75
1.00
1.25
1.50
Ambient Temperature (°C)
60 Hz Resistive or
Inductive Load
0.375" (9.5 mm)
Lead Length
Capacitive
Loads
5.0
10
20
=
I
pk
I
AV
=
π
I
pk
I
AV
1
10
100
0
10
20
30
40
50
Number of Cycles at 60 Hz
8.3 ms Single Half Sine-Wave
(JEDEC Method)
T
A = 25 °C
No Load Condition
T
J = TJ Max.
Rated Load Conditions
0.4
0.6
0.8
1.0
1.2
1.4
1.6
0.01
0.1
1
10
Instantaneous Forward Voltage (V)
T
J = 150 °C
T
J = 25 °C
Pulse Width = 300 μs
1 % Duty Cycle
0
20
40
60
80
100
0.01
0.1
1
10
Percent of Rated Peak Reverse Voltage (%)
T
J = 125 °C
T
J = 25 °C
1
10
100
1
10
100
Reverse Voltage (V)
T
J = 25 °C
f = 1.0 MHz
V
sig = 50 mVp-p



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com