Electronic Components Datasheet Search
  English  ▼

X  

HT23-397 Datasheet(PDF) 1 Page - Applied Motion Products, Inc.

Part # HT23-397
Description  2035 O Step Motor Drive with Oscillator Full & Half Stepping 2.0 amps, 35 VDC
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMP [Applied Motion Products, Inc.]
Direct Link  https://www.applied-motion.com/
Logo AMP - Applied Motion Products, Inc.

HT23-397 Datasheet(HTML) 1 Page - Applied Motion Products, Inc.

  HT23-397 Datasheet HTML 1Page - Applied Motion Products, Inc. HT23-397 Datasheet HTML 2Page - Applied Motion Products, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
404 Westridge Dr. • Watsonville, CA 95076
831/761-6555 • 800/525-1609 • FAX 831/761-6544
www.appliedmotionproducts.com
78
STEPPER
DRIVES
2035 O Step Motor Drive with Oscillator
Full & Half Stepping
2.0 amps, 35 VDC
Features
• DC bus voltage 12-35 VDC motor supply (includ-
ing ripple)
• Switch selectable motor current from 0.125–2.0
amps/phase
• Switch selectable full or half step
• Switch selectable idle current reduction, 0 or 50%
• Optically isolated 5–24 VDC inputs, step, direc-
tion and enable
• Enable input to turn off current to the motor
• On-board oscillator generates step pulses and
accel/decel ramps
• On-board trimpot or external speed adjustment
• Optically isolated 5–24 VDC Tach output for moni-
toring speed
• 70 watts of usable power
• Screw terminal connectors
•Dual H-bridge, inaudible PWM amplifier
•3 state, pulse width modulated current control,
switching at 20–30 KHz
• Drives 4, 6 or 8 lead size 11, 14, 17 or 23 step
motors
• CE compliant
Description
The 2035O step motor driver is a full or half step
drive, step phase sequencer with three state
switching amplifiers and optoisolated circuits.
This drive has a built in ramping pulse generator
(oscillator) with adjustable speed, acceleration
and deceleration. Oscillator speed range is 0–
5,000 Hz. Speed can be set from on-board trimpot
or external pot.
A jumper allows you to select the internal oscillator.
In oscillator mode, the pulse input becomes a run/
stop signal: when this signal is set high, the motor
accelerates to a preset speed and slews. Lowering
the input signal causes the drive to decelerate to
rest.
The amplifier regulates motor current by chopping
at a constant, inaudible frequency. Phase current is
selected from 16 levels by a DIP switch.
2.50"
3.75"
0.125"
3.00"
0.25"
4.00"
0.15"
4x Ø.125
3.70"
1.50"
0.25"
.875"
2x Ø.125
MECHANICAL OUTLINE
BLOCK DIAGRAM
Amplifier
Optical
Isolator
step
direction
com
ext
speed
pot
enable
Step
Sequencer
Oscillator
STEP/SLEW JUMPER
current setting
50% idle
full step/
half step
step
dir
accel
decel
speed adj
A+
A–
B+
B–
to
motor
Optical
Isolator
12-35 VDC
Optical
Isolator
Recommended motors for the 2035 O drive:
Size 11
Size 14
Size 17
Size 23
———— ———— ———— ————
HT11-012 5014-842
HT17-068
HT23-394
HT11-013
HT17-071
HT23-397
HT17-075
HT23-400


Similar Part No. - HT23-397

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HT23-397 ETC2-HT23-397 Datasheet
83Kb / 3P
NEMA 23 High Torque Step Motor
logo
Applied Motion Products...
HT23-397 AMP-HT23-397 Datasheet
55Kb / 2P
1035D Dual Step Drive Full & Half Stepping 1.0 amps, 35 VDC
HT23-397 AMP-HT23-397 Datasheet
54Kb / 2P
2035 Step Motor Drive Full & Half Stepping 2.0 amps, 35 VDC
HT23-397 AMP-HT23-397 Datasheet
101Kb / 2P
2035XD Step Motor Drive with Oscillator 2 Axis Full, Half and Microstep Programmable Digital Oscillator or Pulse Direction 2.0 amps, 35 VDC
HT23-397 AMP-HT23-397 Datasheet
53Kb / 2P
3535 Step Motor Drive Full & Half Stepping 3.5 amps, 35 VDC
More results

Similar Description - HT23-397

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AN8495SB PANASONIC-AN8495SB Datasheet
119Kb / 2P
Stepping Motor Drive IC
logo
List of Unclassifed Man...
2035 ETC2-2035 Datasheet
209Kb / 4P
DC Full/Half Step Drive
2035O ETC2-2035O Datasheet
213Kb / 4P
DC Full/Half Step Drive w/ Oscillator
logo
Applied Motion Products...
1035D AMP-1035D Datasheet
55Kb / 2P
1035D Dual Step Drive Full & Half Stepping 1.0 amps, 35 VDC
2035 AMP-2035 Datasheet
54Kb / 2P
2035 Step Motor Drive Full & Half Stepping 2.0 amps, 35 VDC
2035XD AMP-2035XD Datasheet
101Kb / 2P
2035XD Step Motor Drive with Oscillator 2 Axis Full, Half and Microstep Programmable Digital Oscillator or Pulse Direction 2.0 amps, 35 VDC
3535-O AMP-3535-O Datasheet
57Kb / 2P
3535 O Step Motor Drive with Oscillator Full & Half Step 3.5 amps, 35 VDC
3535 AMP-3535 Datasheet
53Kb / 2P
3535 Step Motor Drive Full & Half Stepping 3.5 amps, 35 VDC
7080 AMP-7080 Datasheet
74Kb / 4P
7080 Step Motor Drive Microstepping 7.0 amps, 80 VDC
7080I AMP-7080I Datasheet
75Kb / 4P
7080i Programmable Step Motor Indexer/Drive Microstepping 7.0 amps, 80 VDC
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com