Electronic Components Datasheet Search
  English  ▼

X  

HT17-075 Datasheet(PDF) 1 Page - Applied Motion Products, Inc.

Part # HT17-075
Description  2035 Step Motor Drive Full & Half Stepping 2.0 amps, 35 VDC
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMP [Applied Motion Products, Inc.]
Direct Link  https://www.applied-motion.com/
Logo AMP - Applied Motion Products, Inc.

HT17-075 Datasheet(HTML) 1 Page - Applied Motion Products, Inc.

  HT17-075 Datasheet HTML 1Page - Applied Motion Products, Inc. HT17-075 Datasheet HTML 2Page - Applied Motion Products, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
404 Westridge Dr. • Watsonville, CA 95076
831/761-6555 • 800/525-1609 • FAX 831/761-6544
www.appliedmotionproducts.com
76
STEPPER
DRIVES
2035 Step Motor Drive
Full & Half Stepping
2.0 amps, 35 VDC
Features
• DC bus voltage 12-35 VDC motor supply (includ-
ing ripple)
• Switch selectable motor current from 0.125–2.0
amps/phase
• Switch selectable full or half step
• Switch selectable idle current reduction, 0 or
50%
• Optically isolated 5–24 VDC inputs for step, di-
rection and enable
• Enable input to turn off current to the motor
• 70 watts of usable power
• Screw terminal connectors
•Dual H-bridge, inaudible PWM amplifier
•3 state, pulse width modulated current control,
switching at 20–30 KHz
• Drives 4, 6 or 8 lead size 11, 14, 17 or 23 step
motors
• CE compliant
Description
The 2035 step motor driver is a full or half drive, step
phase sequencer with three state switching amplifi-
ers and optoisolated circuits. The drive also includes
an automatic feature to lower motor current by 50%
anytime the motor is left at rest for more than one
second. This feature can be disabled.
The amplifier regulates motor current by chopping
at a constant, inaudible frequency. Phase current is
selected from 16 levels by a DIP switch. Full or half
resolution is switch selectable.
Recommended motors for the 2035 drive:
Size 11
Size 14
Size 17
Size 23
———— ———— ———— ————
HT11-012 5014-842
HT17-068
HT23-394
HT11-013
HT17-071
HT23-397
HT17-075
HT23-400
MECHANICAL OUTLINE
2.50"
3.75"
0.125"
3.00"
0.25"
4.00"
0.15"
4x Ø.125
3.70"
1.50"
0.25"
.875"
2x Ø.125
BLOCK DIAGRAM
Optical
Isolator
step
direction
com
enable
Step
Sequencer
current setting
50% idle
full step/
half step
step
12-35 VDC
dir
A+
A–
B+
B–
to
motor
Optical
Isolator
Amplifier
Optical
Isolator


Similar Part No. - HT17-075

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HT17-075 ETC2-HT17-075 Datasheet
80Kb / 3P
NEMA 17 High Torque Step Motor
logo
Applied Motion Products...
HT17-075 AMP-HT17-075 Datasheet
55Kb / 2P
1035D Dual Step Drive Full & Half Stepping 1.0 amps, 35 VDC
HT17-075 AMP-HT17-075 Datasheet
56Kb / 2P
2035 O Step Motor Drive with Oscillator Full & Half Stepping 2.0 amps, 35 VDC
HT17-075 AMP-HT17-075 Datasheet
101Kb / 2P
2035XD Step Motor Drive with Oscillator 2 Axis Full, Half and Microstep Programmable Digital Oscillator or Pulse Direction 2.0 amps, 35 VDC
HT17-075 AMP-HT17-075 Datasheet
53Kb / 2P
3535 Step Motor Drive Full & Half Stepping 3.5 amps, 35 VDC
More results

Similar Description - HT17-075

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AN8495SB PANASONIC-AN8495SB Datasheet
119Kb / 2P
Stepping Motor Drive IC
logo
List of Unclassifed Man...
2035 ETC2-2035 Datasheet
209Kb / 4P
DC Full/Half Step Drive
2035O ETC2-2035O Datasheet
213Kb / 4P
DC Full/Half Step Drive w/ Oscillator
logo
Applied Motion Products...
1035D AMP-1035D Datasheet
55Kb / 2P
1035D Dual Step Drive Full & Half Stepping 1.0 amps, 35 VDC
2035-O AMP-2035-O Datasheet
56Kb / 2P
2035 O Step Motor Drive with Oscillator Full & Half Stepping 2.0 amps, 35 VDC
2035XD AMP-2035XD Datasheet
101Kb / 2P
2035XD Step Motor Drive with Oscillator 2 Axis Full, Half and Microstep Programmable Digital Oscillator or Pulse Direction 2.0 amps, 35 VDC
3535-O AMP-3535-O Datasheet
57Kb / 2P
3535 O Step Motor Drive with Oscillator Full & Half Step 3.5 amps, 35 VDC
3535 AMP-3535 Datasheet
53Kb / 2P
3535 Step Motor Drive Full & Half Stepping 3.5 amps, 35 VDC
7080 AMP-7080 Datasheet
74Kb / 4P
7080 Step Motor Drive Microstepping 7.0 amps, 80 VDC
7080I AMP-7080I Datasheet
75Kb / 4P
7080i Programmable Step Motor Indexer/Drive Microstepping 7.0 amps, 80 VDC
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com