Electronic Components Datasheet Search
  English  ▼

X  

HT17-075 Datasheet(PDF) 1 Page - Applied Motion Products, Inc.

Part # HT17-075
Description  2035XD Step Motor Drive with Oscillator 2 Axis Full, Half and Microstep Programmable Digital Oscillator or Pulse Direction 2.0 amps, 35 VDC
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMP [Applied Motion Products, Inc.]
Direct Link  https://www.applied-motion.com/
Logo AMP - Applied Motion Products, Inc.

HT17-075 Datasheet(HTML) 1 Page - Applied Motion Products, Inc.

  HT17-075 Datasheet HTML 1Page - Applied Motion Products, Inc. HT17-075 Datasheet HTML 2Page - Applied Motion Products, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
404 Westridge Dr. • Watsonville, CA 95076
831/761-6555 • 800/525-1609 • FAX 831/761-6544
www.appliedmotionproducts.com
STEPPER
DRIVES
2035XD Step Motor Drive with Oscillator
2 Axis Full, Half and Microstep
Programmable Digital Oscillator
or Pulse Direction
2.0 amps, 35 VDC
Features
• DC bus voltage 12-35 VDC motor supply (includ-
ing ripple)
• Software programmable motor current, 0.1–2.0
amps/phase
• Software programmable step size, 200–50800
steps/rev
• Automatic idle current reduction
• Four optically isolated digital inputs: step/run 1,
step/run 2, direction 1, direction 2
• Two analog inputs, 10 bit resolution, 0 - 5VDC
• On-board oscillator generates step pulses and
accel/decel ramps
• Fixed speed or proportional to analog input
• Optically isolated 5–24 VDC Tach output for
monitoring speed
• 70 watts of usable power per axis
• Screw terminal connectors
• Dual H-bridge, inaudible PWM amplifier
•3 state, pulse width modulated current control,
switching at 20–30 KHz
• Drives 4, 6 or 8 lead size 11, 14, 17 or 23 step
motors
Description
The 2035XD step motor driver is a two axis, soft-
ware configured step/direction or oscillator drive.
Drives can be quickly and precisely configured us-
ing our eXposition™ software and a Windows PC.
When configured for pulse/direction mode, the two
drives can be commanded by the step and direction
signals available from many PLCs and step motor
indexers.
In oscillator mode, the two drives generate their
own acceleration and deceleration profiles and are
commanded by digital run/stop signals. These sig-
nals can be supplied by PLCs, mechanical
switches, single board computers or other motion
control devices. Speeds may be fixed or can be set
“on the fly” by 0 to 5 volt analog signals.
MECHANICAL OUTLINE
BLOCK DIAGRAM
Recommended motors for the 2035XD drive:
Size 11
Size 14
Size 17
Size 23
———— ———— ———— ————
HT11-012 5014-842
HT17-068
HT23-394
HT11-013
HT17-071
HT23-397
HT17-075
HT23-400
2.50"
3.75"
0.125"
3.00"
0.25"
4.00"
0.15"
4x Ø.125
3.70"
1.50"
0.25"
.875"
2x Ø.125
PWM
Power
Amplifier
10 - 35 VDC
STEP/RUN1
STEP/RUN2
DIR1
DIR2
PC
OUT
RS232
2 Axis
Controller
eeprom
Optical
Isolation
+5V OUT
ANALOG1 IN
ANALOG2 IN
GND
Filter
Internal
Logic
Supply
motor
PWM
Power
Amplifier
motor


Similar Part No. - HT17-075

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HT17-075 ETC2-HT17-075 Datasheet
80Kb / 3P
NEMA 17 High Torque Step Motor
logo
Applied Motion Products...
HT17-075 AMP-HT17-075 Datasheet
55Kb / 2P
1035D Dual Step Drive Full & Half Stepping 1.0 amps, 35 VDC
HT17-075 AMP-HT17-075 Datasheet
54Kb / 2P
2035 Step Motor Drive Full & Half Stepping 2.0 amps, 35 VDC
HT17-075 AMP-HT17-075 Datasheet
56Kb / 2P
2035 O Step Motor Drive with Oscillator Full & Half Stepping 2.0 amps, 35 VDC
HT17-075 AMP-HT17-075 Datasheet
53Kb / 2P
3535 Step Motor Drive Full & Half Stepping 3.5 amps, 35 VDC
More results

Similar Description - HT17-075

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
2035O ETC2-2035O Datasheet
213Kb / 4P
DC Full/Half Step Drive w/ Oscillator
2035XD ETC2-2035XD Datasheet
190Kb / 4P
DC Dual-Axis Full/Half/Microstep Drive
3540MO ETC2-3540MO Datasheet
208Kb / 4P
DC Microstep Drive w/ Oscillator
PDO5580 ETC2-PDO5580 Datasheet
188Kb / 4P
AC Microstep Drive w/ Oscillator
logo
Applied Motion Products...
1035D AMP-1035D Datasheet
55Kb / 2P
1035D Dual Step Drive Full & Half Stepping 1.0 amps, 35 VDC
2035-O AMP-2035-O Datasheet
56Kb / 2P
2035 O Step Motor Drive with Oscillator Full & Half Stepping 2.0 amps, 35 VDC
2035 AMP-2035 Datasheet
54Kb / 2P
2035 Step Motor Drive Full & Half Stepping 2.0 amps, 35 VDC
3535-O AMP-3535-O Datasheet
57Kb / 2P
3535 O Step Motor Drive with Oscillator Full & Half Step 3.5 amps, 35 VDC
3535 AMP-3535 Datasheet
53Kb / 2P
3535 Step Motor Drive Full & Half Stepping 3.5 amps, 35 VDC
PDO5580 AMP-PDO5580 Datasheet
140Kb / 10P
PDO 5580 Packaged Pulse and Direction Step Motor Drive wih Digital Oscillator
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com