Electronic Components Datasheet Search
  English  ▼

X  

HT34-474 Datasheet(PDF) 2 Page - Applied Motion Products, Inc.

Part # HT34-474
Description  7080 Step Motor Drive Microstepping 7.0 amps, 80 VDC
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMP [Applied Motion Products, Inc.]
Direct Link  https://www.applied-motion.com/
Logo AMP - Applied Motion Products, Inc.

HT34-474 Datasheet(HTML) 2 Page - Applied Motion Products, Inc.

  HT34-474 Datasheet HTML 1Page - Applied Motion Products, Inc. HT34-474 Datasheet HTML 2Page - Applied Motion Products, Inc. HT34-474 Datasheet HTML 3Page - Applied Motion Products, Inc. HT34-474 Datasheet HTML 4Page - Applied Motion Products, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
404 Westridge Dr. • Watsonville, CA 95076
831/761-6555 • 800/525-1609 • FAX 831/761-6544
www.appliedmotionproducts.com
95
STEPPER
DRIVES
7080 Torque Curves
HT17-068 MOTOR
Motor Connection: Parallel
Drive Setting: 1/10th Resolution • 1.375 A/Phase
Dynamic
Torque
(oz-in)
rev/sec
05
10
15
20
25
30
35
40
0
5
10
15
20
25
30
35
80 V
48 V
HT17-071 MOTOR
Motor Connection: Parallel
Drive Setting: 1/10th Resolution • 1.0 A/Phase
Dynamic
Torque
(oz-in)
rev/sec
05
10
15
20
25
30
35
40
0
5
10
15
20
80 V
48 V
HT17-071 MOTOR
Motor Connection: Parallel
Drive Setting: Full Resolution • 1.0 A/Phase
Dynamic
Torque
(oz-in)
rev/sec
05
10
15
20
25
30
35
40
0
5
10
15
20
25
30
80 V
48 V
HT17-068 MOTOR
Motor Connection: Parallel
Drive Setting: Full Resolution • 1.375 A/Phase
Dynamic
Torque
(oz-in)
rev/sec
05
10
15
20
25
30
35
40
0
5
10
15
20
25
30
35
80 V
48 V
HT17-075 MOTOR
Motor Connection: Parallel
Drive Setting: Full Resolution • 1.75 A/Phase
Dynamic
Torque
(oz-in)
rev/sec
05
10
15
20
25
30
35
40
0
10
20
30
40
50
60
80 V
48 V
HT17-075 MOTOR
Motor Connection: Parallel
Drive Setting: 1/10th Resolution • 1.75 A/Phase
Dynamic
Torque
(oz-in)
rev/sec
05
10
15
20
25
30
35
40
0
10
20
30
40
50
60
80 V
48 V
HT23-395 MOTOR
Motor Connection: Parallel
Drive Setting: 1/10th Resolution • 4.2 A/Phase
Dynamic
Torque
(oz-in)
rev/sec
05
10
15
20
25
30
35
40
0
10
20
30
40
50
80 V
48 V
HT23-395 MOTOR
Motor Connection: Parallel
Drive Setting: Full Resolution • 4.2 A/Phase
Dynamic
Torque
(oz-in)
rev/sec
05
10
15
20
25
30
35
40
0
20
40
60
80
80 V
48 V



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com